Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC373APWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 7LVC373APWDH
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC373APWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 7LVC373APWDH Datasheet HTML 3Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 4Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 5Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 6Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 7Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 8Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 9Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 10Page - NXP Semiconductors 7LVC373APWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVC373A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
1998 Jul 29
7
AC CHARACTERISTICS
GND = 0V; tr = tf v 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
Dn to Qn
1, 5
1.5
4.2
6.8
1.5
7.8
19
ns
tPHL
tPLH
Propagation delay
LE to Qn
2, 5
1.5
4.6
7.2
1.5
8.2
21
ns
tPZH
tPZL
3-State output enable time
OE to Qn
3, 5
1.5
4.8
7.7
1.5
8.7
22
ns
tPHZ
tPLZ
3-State output disable time
OE to Qn
3, 5
1.5
4.3
6.1
1.5
7.1
15
ns
tW
LE pulse width HIGH
2
3.0
1.5
–
3.0
–
–
ns
tSU
Setup time
Dn to LE
4
2.0
0
–
2.0
–
–
ns
th
Hold time
Dn to LE
4
1.5
0.3
–
1.5
–
–
ns
NOTE:
1. Unless otherwise stated, all typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
SY00041
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
OUTPUT
Waveform 1. Input (Dn) to output (Qn) propagation delays.
tw
tPHL
tPLH
LE INPUT
Qn OUTPUT
VM
VM
SA00388
VI
GND
VOH
VOL
Waveform 2. Latch enable input (LE) pulse width, the latch
enable input to output (Qn) propagation delays
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00207
Waveform 3. 3-State enable and disable times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com