Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC377PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC377PW
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC377PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC377PW Datasheet HTML 1Page - NXP Semiconductors 74LVC377PW Datasheet HTML 2Page - NXP Semiconductors 74LVC377PW Datasheet HTML 3Page - NXP Semiconductors 74LVC377PW Datasheet HTML 4Page - NXP Semiconductors 74LVC377PW Datasheet HTML 5Page - NXP Semiconductors 74LVC377PW Datasheet HTML 6Page - NXP Semiconductors 74LVC377PW Datasheet HTML 7Page - NXP Semiconductors 74LVC377PW Datasheet HTML 8Page - NXP Semiconductors 74LVC377PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC377
Octal D-type flip-flop with data enable;
positive-edge trigger
1998 Jul 29
3
LOGIC SYMBOL
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
11
CP
E
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
1
SY00059
FUNCTION TABLE
OPERATING
INPUTS
OUTPUT
MODES
CP
E
Dn
Qn
Load ‘1’
°
l
h
H
Load ‘0’
°
l
l
L
hold
(do nothing)
°
X
h
H
X
X
no change
no change
H = HIGH voltage level
h
= HIGH voltage level one set-up time
prior to the LOW-to-HIGH CP transition
L
= LOW voltage level
I
= LOW voltage level one set-up time
prior to the LOW-to-HIGH CP transition
° = LOW-to-HIGH transition
X = Don’t care
LOGIC SYMBOL (IEEE/IEC)
4
7
8
13
14
17
18
1C2
G1
2D
11
1
3
5
2
6
9
12
15
16
19
CP
E
D0
D1
D2
D3
D4
D5
D6
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D7
SY00060
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC Input voltage range
0
5.5
V
VI/O
DC Input voltage range for I/Os
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com