Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC541ADB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC541ADB
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC541ADB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC541ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC541ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC541A
Octal buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
2
1998 Jul 29
853-2103 19803
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Wide supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• 5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic
DESCRIPTION
The 74LVC541A is a high performance, low-power, low-voltage
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-State
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC541A is an octal non-inverting buffer/line driver with
5-volt tolerant inputs/outputs. The 3-State outputs are controlled by
the output enable inputs OE1 and OE2.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn
CL = 50 pF;
VCC = 3.3 V
3.3
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per buffer
Notes 1 and 2
20
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic SO
–40
°C to +85°C
74LVC541A D
74LVC541A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC541A DB
74LVC541A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC541A PW
7LVC541APW DH
SOT360-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 19
OE1, OE2
Output enable inputs
(active LOW)
2, 3, 4, 5,
6, 7, 8, 9
A0 to A7
Data inputs
10
GND
Ground (0 V)
18, 17, 16, 15,
14, 13, 12, 11
Y0 to Y7
Bus outputs
20
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
INPUTS
OUTPUT
OE1
OE2
An
Yn
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com