Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC573AD
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC573AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC573AD Datasheet HTML 1Page - NXP Semiconductors 74LVC573AD Datasheet HTML 2Page - NXP Semiconductors 74LVC573AD Datasheet HTML 3Page - NXP Semiconductors 74LVC573AD Datasheet HTML 4Page - NXP Semiconductors 74LVC573AD Datasheet HTML 5Page - NXP Semiconductors 74LVC573AD Datasheet HTML 6Page - NXP Semiconductors 74LVC573AD Datasheet HTML 7Page - NXP Semiconductors 74LVC573AD Datasheet HTML 8Page - NXP Semiconductors 74LVC573AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVC573A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
1998 Jul 29
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
2, 3, 4, 5,
6, 7, 8, 9
D0-D7
Data inputs
19, 18, 17, 16,
15, 14, 13, 12
Q0-Q7
Data outputs
10
GND
Ground (0V)
11
LE
Latch enable input (active-High)
20
VCC
Positive supply voltage
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LE
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
SA00395
LOGIC SYMBOL
11
1
LE
OE
2
3
4
5
6
7
8
9
D0
D1
D2
D3
D4
D5
D6
D7
19
18
17
16
15
14
13
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
SA00396
LOGIC SYMBOL (IEEE/IEC)
1
2
19
3
18
4
17
5
16
C1
11
EN1
6
15
7
14
8
13
9
12
1D
SA00397
FUNCTIONAL DIAGRAM
1
19
2
318
17
4
516
11
15
6
714
13
8
912
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
Q4
D4
D5
Q5
Q6
D6
D7
Q7
LE
LATCH
1 to 8
3-State
OUTPUTS
SA00398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com