Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL3720WS-R10-G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL3720WS-R10-G
Description  low resistance value chip resistors with long-side electrodes for high-precision current detection.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL3720WS-R10-G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL3720WS-R10-G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RL series, low resistance value chip
resistors with long-side electrodes
for high-precision current detection.
Dimension
(mm)
RL3720
(0815)
RL3720W
(0815)
RL7520W
(0830)
L
W
P
T
3.75 0.30
2.00 0.20
0.40 0.20
0.40 0.10
3.75 0.30
2.00 0.20
0.40 0.20
0.40 0.15/ 0.10
7.50 0.30
2.00 0.20
0.40 0.20
0.40 0.15/ 0.10
RL 3720(W) T - R10 - F
Resistance Tolerance
Resistance
(1R0 1.0
Ω, R0** less than 0.082Ω)
Temperature Coefficient of Resistance
Dimensions
Part Code
SPECIFICATIONS
Mechanical
Electrical
Equivalent circuit
PART NUMBER
L
P
W
T
Type
Power
Resistance Tolerance
(code)
Resistance Range (
Ω)
Resistance Value
Package
Other resistance values are available.
1%(F)
2%(G)
1%(F)
2%(G)
RL7520W
2W
0
420
(T)
0
200
(S)
5,6,9m
0
800
(T)
1,2,3m
0.1 0.47
0
350
(T)
0.010 0.068
E 6
RL3720
1/2W
0
350
(T)
0
200
(S)
0.022 0.068
0.1 2.2
E 6
1%(F)
2%(G)
5%(J)
RL3720W
1W
0
350
(T)
0
200
(S)
0.010 0.068
0.1 1.0
E 6
4,000pcs/reel
susumu group catalog
Temperature Coefficient
of Resistance ppm/ C(code)
A specially designed construction assures small dimensions and repressed surface
temperature increase due to heat radiation and thermal conduction. This construction also
minimizes the thermal effects on peripheral areas. Patent 2963671
Our SMD components contribute to lead-free composition of electronics products.
8


Similar Part No. - RL3720WS-R10-G

ManufacturerPart #DatasheetDescription
logo
Susumu Co., Ltd.
RL3720W SUSUMU-RL3720W Datasheet
276Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
Cyntec Co., Ltd.
RL3720WT CYNTEC-RL3720WT Datasheet
921Kb / 8P
RL3720WT Series Current Sensor Resistor (Lead / Halogen Free)
logo
Susumu Co., Ltd.
RL3720WT-R010-F SUSUMU-RL3720WT-R010-F Datasheet
276Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
List of Unclassifed Man...
RL3720WT-R10-F ETC2-RL3720WT-R10-F Datasheet
165Kb / 6P
RP series, RPH series,high-power metal film chip resistors
logo
Susumu Co., Ltd.
RL3720WT-R10-F SUSUMU-RL3720WT-R10-F Datasheet
276Kb / 2P
Low resistance chip resistors (long-side terminal)
More results

Similar Description - RL3720WS-R10-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0510 ETC-RL0510 Datasheet
54Kb / 1P
low resistance value chip resistors with short-side electrodes for high-precision current detection.
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WTF1M0U PANASONIC-ERJ-M1WTF1M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
PRL1632-R013-F-T1 ETC2-PRL1632-R013-F-T1 Datasheet
294Kb / 2P
Low resistance chip resistors (long side terminal type)
RL1632R-R100-F ETC2-RL1632R-R100-F Datasheet
63Kb / 1P
RL series, low resistance value chip resistors with short-side electrodes for high-precision current detection.
RL3720T-R018 ETC2-RL3720T-R018 Datasheet
294Kb / 2P
Low resistance chip resistors (long side terminal type)
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
HIGH RESISTANCE VALUE CHIP RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com