Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC652PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC652PW
Description  Octal transceiver/register with dual enable 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC652PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC652PW Datasheet HTML 4Page - NXP Semiconductors 74LVC652PW Datasheet HTML 5Page - NXP Semiconductors 74LVC652PW Datasheet HTML 6Page - NXP Semiconductors 74LVC652PW Datasheet HTML 7Page - NXP Semiconductors 74LVC652PW Datasheet HTML 8Page - NXP Semiconductors 74LVC652PW Datasheet HTML 9Page - NXP Semiconductors 74LVC652PW Datasheet HTML 10Page - NXP Semiconductors 74LVC652PW Datasheet HTML 11Page - NXP Semiconductors 74LVC652PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LVC652
Octal transceiver/register with dual enable (3-State)
1998 Jul 29
8
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
MIN
TYP
tPHL/tPLH
Propagation delay
An to Bn, Bn to An
Figures 1, 5
1.5
4.6
7.9
1.5
9.2
1.5
24
ns
tPHL/tPLH
Propagation delay
CPAB, CPBA to Bn, An
Figures 2, 5
1.5
5.2
8.9
1.5
11
1.5
26
ns
tPHL/tPLH
Propagation delay
SAB, SBA to Bn, An
Figures 3, 5
1.5
5.2
8.8
1.5
11
1.5
27
ns
tPZH/tPZL
3-State output enable time
OEAB to Bn
Figures 4, 5
1.5
4.8
8.0
1.5
10
1.5
20
ns
tPHZ/tPLZ
3-State output disable time
OEAB to Bn
Figures 4, 5
1.5
4.4
8.0
1.5
10
1.5
10
ns
tPZH/tPZL
3-State output enable time
OEBA to An
Figures 4, 5
1.5
4.8
8.0
1.5
10
1.5
20
ns
tPHZ/tPLZ
3-State output disable time
OEBA to An
Figures 4, 5
1.5
4.4
8.0
1.5
10
1.5
10
ns
tW
Clock pulse width
HIGH or LOW
CPAB or CPBA
Figures 4, 5
–
3.0
–
3.0
–
–
–
ns
tsu
Set-up time
An, Bn to CPAB, CPBA
Figure 2
1.5
0.5
–
1.5
–
–
–
ns
th
Hold time
An, Bn to CPAB, CPBA
Figure 2
1.0
0
–
1.0
–
–
–
ns
fmax
Maximum clock pulse
frequency
Figure 2
7.5
150
–
–
–
–
–
MHz
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5V * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V
VX = VOL + 0.1VCC at VCC < 2.7V
VY = VOH – 0.3V at VCC w 2.7V
VY = VOH – 0.1VCC at VCC < 2.7V
SV00772
V M
V M
A n , B n
INPUT
B n , A n
OUTPUT
t
PHL
t
PLH
GND
V OL
V I
V OH
Figure 1. Input An, Bn to output Bn, An propagation delays.
SV00773
VM
An, B n
INPUT
CPAB, CP BA
OUTPUT
Bn, A n
OUTPUT
VM
tW
tPHL
tPLH
1/fmax
tsu
th
tsu
th
GND
VOL
VOL
VI
VOH
VOH
Figure 2. An, Bn to CPAB, CPBA set-up and hold times, clock
CPAB, CPBA pulse width, maximum clock pulse frequency and
the CPAB, CPBA to output Bn, An propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com