Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMP049 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NMP049
Description  Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NMP049 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NMP049 Datasheet HTML 1Page - List of Unclassifed Manufacturers NMP049 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS-121 REV C December 1998
1.5
HC-49/U Series
Quartz Crystal
SaRonix
Technical Data
HC-49/U
Frequency Range:
1.8432 MHz to 200 MHz
Description
The HC-49/U Series is an industry stan-
dard AT cut crystal housed in a Mil
standard HC-49/U package.
ACTUAL SIZE
Applications & Features
Package Details
Temperature Range:
Operating:
Storage:
-20 to +70°C (-40 to +85°C available)
-55 to +125°C
Temperature
Stability Tolerance:
±50 ppm from -20 to +70°C
Characteristics at 25°C ±2°C:
±30 ppm (tighter tolerances available)
18pF to 32pF or series resonance
700 to 20 ohms (frequency dependent)
0.5mW correlation, 2.0mW maximum operating
7pF maximum
Frequency Calibration
Tolerance:
Load Capacitance:
Effective Series
Resistance:
Drive Level:
Shunt Capacitance:
Mechanical:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-202, Method 211, Conditions A and C
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition B
Shock:
Solderability:
Terminal Strength:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014, Condition C
MIL-STD-883, Method 1014, Condition A
<5 x 10-8 ATM cc/sec
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
13.46
.530
12.7
.500
min
4.65
.183
.46
.018
Industry standard package
AT cut performance
Resistance weld seal
•
•
•
Part Numbering Guide
N Y P XXX - XX ( – )
Option
(L)
(N)
(I)
= 3rd lead
= No sleeving*
= Insulating pad
Load Capacitance
(If blank, crystal is
series resonant.)
Type
M = Series
Y = Parallel
Frequency
10.25
.404
max*
max*
*Maximum dimensions include vinyl sleeve
Scale: None ( Dimensions in
)
mm
inches
4.0
.157
max*
*Standard parts are covered with vinyl shrink sleeve
unless ordered without and designated (N).
max*
4.88
.192
max*
11.18
.440
SaRonix
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894


Similar Part No. - NMP049

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NMP MEANWELL-NMP Datasheet
277Kb / 12P
650W/1200W Modular Power
NMP1K2 MEANWELL-NMP1K2 Datasheet
277Kb / 12P
650W/1200W Modular Power
NMP650 MEANWELL-NMP650 Datasheet
277Kb / 12P
650W/1200W Modular Power
More results

Similar Description - NMP049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
ECS, Inc.
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
Quartz Crystal
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com