Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LVC652PWDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 4LVC652PWDH
Description  Octal transceiver/register with dual enable 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4LVC652PWDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 4LVC652PWDH Datasheet HTML 5Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 6Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 7Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 8Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 9Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 10Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 11Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 12Page - NXP Semiconductors 4LVC652PWDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74LVC652
Octal transceiver/register with dual enable (3-State)
1998 Jul 29
9
AC WAVEFORMS (Continued)
VM = 1.5V at VCC w 2.7V
VM = 0.5V * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V
VX = VOL + 0.1VCC at VCC < 2.7V
VY = VOH – 0.3V at VCC w 2.7V
VY = VOH – 0.1VCC at VCC < 2.7V
SV00774
V M
S AB , S BA
INPUT
B n , A n
OUTPUT
V M
t PLH
t PHL
GND
V I
V OL
V OH
Figure 3. Input SAB, SBA to output Bn, An propagation delay
times.
SV00775
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VX
VOL
VCC
VCC
VI
GND
GND
GND
VY
VOH
VM
VM
VM
VM
OEBA INPUT
OEAB INPUT
OUTPUT
HIGH–to–OFF
OFF–to–HIGH
OUTPUT
LOW–to–OFF
OFF–to–LOW
Figure 4. OE inputs (OEAB, OEBA) to outputs An, Bn enable and
disable times.
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2 x VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
GND
tPLZ/tPZL
2 x VCC
tPHZ/tPZH
tPLH/tPHL
Open
SY00003
VCC
Figure 5. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com