Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC74APW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC74APW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC74APW Datasheet HTML 1Page - NXP Semiconductors 74LVC74APW Datasheet HTML 2Page - NXP Semiconductors 74LVC74APW Datasheet HTML 3Page - NXP Semiconductors 74LVC74APW Datasheet HTML 4Page - NXP Semiconductors 74LVC74APW Datasheet HTML 5Page - NXP Semiconductors 74LVC74APW Datasheet HTML 6Page - NXP Semiconductors 74LVC74APW Datasheet HTML 7Page - NXP Semiconductors 74LVC74APW Datasheet HTML 8Page - NXP Semiconductors 74LVC74APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dual D-type flip-flop with set and reset;
positive-edge trigger
Philips Semiconductors
Product Specification
74LVC74A
1998 Jun 17
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 13
1RD, 2RD
Asynchronous reset-direct input
(active LOW)
2, 12
1D, 2D
Data inputs
3, 11
1CP, 2CP
Clock input (LOW-to-HIGH, edge
triggered)
4, 10
1SD, 2SD
Asynchronous set-direct input (active
LOW)
5, 9
1Q, 2Q
True flip-flop outputs
6, 8
1Q, 2Q
Complement flip-flop outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
SV00492
410
113
1SD 2SD
1RD 2RD
SD
RD
2
12
3
11
1D
2D
1CP
2CP
1Q
2Q
5
9
1Q
2Q
5
9
D
CP
Q
FF
Q
FUNCTION TABLE
INPUTS
OUTPUTS
SD
RD
CP
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
H
INPUTS
OUTPUTS
SD
RD
CP
D
Qn+1
Qn+1
H
H
°
L
L
H
H
H
°
H
H
L
NOTES:
H = HIGH voltage level
L = LOW voltage level
X = don“t care
° = LOW-to-HIGH CP transition
Qn+1 = state after the next LOW-to-HIGH CP transition
FUNCTIONAL DIAGRAM
SV00494
CP FF1
DQ
Q
1D
2
1CP
3
4
SD
1SD
1 1RD
RD
6
1Q
1Q
5
CP FF2
DQ
Q
2D
12
2CP
11
10
SD
2SD
13 2RD
RD
8
2Q
2Q
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com