Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB-R001NN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HSB-R001NN
Description  For IEEE-1394 High Performance Serial Bus Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HSB-R001NN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HSB-R001NN Datasheet HTML 1Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 2Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 3Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 4Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 5Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 6Page - List of Unclassifed Manufacturers HSB-R001NN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
 
HSB Series
Unit : mm
Note
1. PCB mounting surface is datum S ; thickness is not specified.
2. Datum P hole excluded from positional tolerance.
■Right Angle Upright Receptacle(DIP Type)
HSB-ARB62-T215A
Contact tail length
  2 : 3.0mm without kinked tail
  3 : 3.0mm with kinked tail
18.00
0.40
1.50
6.55
3.00
7.20
1.50
STRAIGHT TAIL
0.25
KINKED TAIL
3.85
0.
80
±
0.
05
DI
A.
HO
LE
S
φ0.08
S P
(See Note-2)
-P-
2.00
2.00
2.00
PCB EDGE
OBLONG HOLES
SHEILD
SOLDER
PADS
φ0.20
φ0.20
SP
S P
(See Note-1)
2.00 ± 0.10
2.00 ± 0.10
1.40 ± 0.10
6.55 ± 0.10
7.80 MIN.
TYP(2)
TYP
(3)
M
M
M
M
Detail A
HSB-ARB62-T215A
HSB-ARB62-T315A
A
PCB Mounting Dimensions
PCB Thickness : t=1.60±0.19
( Connector Mounting Side)
2
4
5
1
6
3
5
HSB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com