Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80NF10
Description  N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80NF10 Datasheet HTML 1Page - STMicroelectronics STB80NF10 Datasheet HTML 2Page - STMicroelectronics STB80NF10 Datasheet HTML 3Page - STMicroelectronics STB80NF10 Datasheet HTML 4Page - STMicroelectronics STB80NF10 Datasheet HTML 5Page - STMicroelectronics STB80NF10 Datasheet HTML 6Page - STMicroelectronics STB80NF10 Datasheet HTML 7Page - STMicroelectronics STB80NF10 Datasheet HTML 8Page - STMicroelectronics STB80NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2007
Rev 16
1/14
14
STB80NF10
STP80NF10
N-channel 100V - 0.012
Ω - 80A - TO-220 / D2PAK
Low gate charge STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% Avalanche tested
■ Application oriented characterization
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters for Telecom
and Computer application. It is also intended for
any application with low gate charge drive
requirements.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
(1)
STP80NF10
100V
<0.015
Ω
80A
STB80NF10
100V
<0.015
Ω
80A
1
2
3
1
3
TO-220
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP80NF10
P80NF10@
TO-220
Tube
STB80NF10T4
B80NF10@
D²PAK
Tape & reel


Similar Part No. - STB80NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
585Kb / 14P
N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
15-Apr-2009
logo
Inchange Semiconductor ...
STB80NF10 ISC-STB80NF10 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB80NF10T4 STMICROELECTRONICS-STB80NF10T4 Datasheet
585Kb / 14P
N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
15-Apr-2009
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
15-Apr-2009
More results

Similar Description - STB80NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP80NF10 STMICROELECTRONICS-STP80NF10 Datasheet
334Kb / 9P
N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
Sep-2002
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com