Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80NF10T4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB80NF10T4
Description  N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF10T4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB80NF10T4 Datasheet HTML 6Page - STMicroelectronics STB80NF10T4 Datasheet HTML 7Page - STMicroelectronics STB80NF10T4 Datasheet HTML 8Page - STMicroelectronics STB80NF10T4 Datasheet HTML 9Page - STMicroelectronics STB80NF10T4 Datasheet HTML 10Page - STMicroelectronics STB80NF10T4 Datasheet HTML 11Page - STMicroelectronics STB80NF10T4 Datasheet HTML 12Page - STMicroelectronics STB80NF10T4 Datasheet HTML 13Page - STMicroelectronics STB80NF10T4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STP80NF10 - STB80NF10
Revision history
13/14
6
Revision history
Table 7.
Revision history
Date
Revision
Changes
04-Nov-2003
8
New datasheet according to PCN DSG-TRA/03/382
13-Dec-2004
9
D²PAK inserted
16-Dec-2004
10
@ inserted in table 2 for TO-220 marking
27-Jan-2005
11
New value in table 3
22-Feb-2005
12
Id value changed
28-Feb-2005
13
New value in table 3
01-Mar-2005
14
Vgs value changed
06-Apr-2006
15
The document has been reformatted
25-Jan-2007
16
Typo mistake on page 1 (order codes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com