Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC12CE518
Description  8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC12CE518 Datasheet HTML 9Page - Microchip Technology PIC12CE518 Datasheet HTML 10Page - Microchip Technology PIC12CE518 Datasheet HTML 11Page - Microchip Technology PIC12CE518 Datasheet HTML 12Page - Microchip Technology PIC12CE518 Datasheet HTML 13Page - Microchip Technology PIC12CE518 Datasheet HTML 14Page - Microchip Technology PIC12CE518 Datasheet HTML 15Page - Microchip Technology PIC12CE518 Datasheet HTML 16Page - Microchip Technology PIC12CE518 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40172A-page 13
PIC12CE5XX
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control
the operation of the device (Table 4-1).
The special registers can be classified into two sets.
The special function registers associated with the
“core” functions are described in this section. Those
related to the operation of the peripheral features are
described in the section for each peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER (SFR) SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1 Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
Value on
Wake-up on
Pin Change
N/A
TRIS
—
—
I/O control registers
--11 1111
--11 1111
--11 1111
N/A
OPTION
Contains control bits to configure Timer0, Timer0/WDT
prescaler, wake-up on change, and weak pull-ups
1111 1111
1111 1111
1111 1111
00h
INDF
Uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
uuuu uuuu
uuuu uuuu
01h
TMR0
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
uuuu uuuu
02h(1)
PCL
Low order 8 bits of PC
1111 1111
1111 1111
1111 1111
03h
STATUS
GPWUF
—
PA0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
100q quuu
04h
FSR
(12CE518) Indirect data memory address pointer
111x xxxx
111u uuuu
111u uuuu
04h
FSR
(12CE519) Indirect data memory address pointer
110x xxxx
11uu uuuu
11uu uuuu
05h
OSCCAL
(12CE518/
12CE519)
CAL7
CAL6 CAL5 CAL4 CALFST CALSLW
—
—
0111 00--
uuuu uu--
uuuu uu--
06h
GPIO
SCL
SDA
GP5
GP4
GP3
GP2
GP1 GP0 11xx xxxx
11uu uuuu
11uu uuuu
Legend: Shaded boxes = unimplemented or unused, — = unimplemented, read as '0' (if applicable)
x
= unknown, u = unchanged, q = see the tables in Section 8.7 for possible values.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6
for an explanation of how to access these bits.
12CF5XX_GEBook Page 13 Tuesday, October 21, 1997 8:23 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com