Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7201 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX7201
Description  TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7201 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7201 Datasheet HTML 1Page - Texas Instruments TMUX7201 Datasheet HTML 2Page - Texas Instruments TMUX7201 Datasheet HTML 3Page - Texas Instruments TMUX7201 Datasheet HTML 4Page - Texas Instruments TMUX7201 Datasheet HTML 5Page - Texas Instruments TMUX7201 Datasheet HTML 6Page - Texas Instruments TMUX7201 Datasheet HTML 7Page - Texas Instruments TMUX7201 Datasheet HTML 8Page - Texas Instruments TMUX7201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................5
6.4 Recommended Operating Conditions.........................5
6.5 Source or Drain Continuous Current...........................5
6.6 ±15 V Dual Supply: Electrical Characteristics ............6
6.7 ±15 V Dual Supply: Switching Characteristics ........... 7
6.8 ±20 V Dual Supply: Electrical Characteristics.............8
6.9 ±20 V Dual Supply: Switching Characteristics............ 9
6.10 44 V Single Supply: Electrical Characteristics ....... 10
6.11 44 V Single Supply: Switching Characteristics ....... 11
6.12 12 V Single Supply: Electrical Characteristics ....... 12
6.13 12 V Single Supply: Switching Characteristics ...... 13
6.14 Typical Characteristics............................................ 14
7 Parameter Measurement Information.......................... 19
7.1 On-Resistance.......................................................... 19
7.2 Off-Leakage Current................................................. 19
7.3 On-Leakage Current................................................. 20
7.4 tON and tOFF Time......................................................20
7.5 tON (VDD) Time............................................................21
7.6 Propagation Delay.................................................... 21
7.7 Charge Injection........................................................22
7.8 Off Isolation...............................................................22
7.9 Bandwidth................................................................. 23
7.10 THD + Noise........................................................... 23
7.11 Power Supply Rejection Ratio (PSRR)................... 24
8 Detailed Description......................................................24
8.1 Overview................................................................... 24
8.2 Functional Block Diagram......................................... 24
8.3 Feature Description...................................................25
8.4 Device Functional Modes..........................................27
8.5 Truth Tables.............................................................. 27
9 Application and Implementation.................................. 28
9.1 Application Information............................................. 28
9.2 Typical Applications.................................................. 28
9.3 Power Supply Recommendations.............................30
9.4 Layout....................................................................... 30
10 Device and Documentation Support..........................32
10.1 Documentation Support.......................................... 32
10.2 Receiving Notification of Documentation Updates..32
10.3 Support Resources................................................. 32
10.4 Trademarks.............................................................32
10.5 Electrostatic Discharge Caution..............................32
10.6 Glossary..................................................................32
11 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (October 2022) to Revision A (March 2023)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
TMUX7201, TMUX7202
SCDS443A – OCTOBER 2022 – REVISED MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7201 TMUX7202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com