Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7LVC827APWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 7LVC827APWDH
Description  10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC827APWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 7LVC827APWDH Datasheet HTML 3Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 4Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 5Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 6Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 7Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 8Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 9Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 10Page - NXP Semiconductors 7LVC827APWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVC827A
10-bit buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
1998 Sep 04
7
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2 x VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
GND
tPLZ/tPZL
2 x VCC
tPHZ/tPZH
tPLH/tPHL
Open
SY00003
VCC
Figure 3. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com