Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPD-15B Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRPD-15B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPD-15B Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRPD-15B Datasheet HTML 1Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 2Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 3Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 4Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 5Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 6Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 7Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 8Page - Bel Fuse Inc. VRPD-15B Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02V7PD-15B
5V Input / 1.2V – 3.3V Output / 15A
page 2
Input Specifications
Absolute Maximum Ratings
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC
converter or may permanently damage the device.
Note: Input capacitance a 680µF/6.3V and a 270µF/16V Oscon caps
1. With simulated source impedance of 500nH, 5Hz to 20MHz.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
s
u
o
u
n
i
t
n
o
Cn
i
V3
.
0
-
6V
e
g
a
t
l
o
V
l
a
n
i
m
r
e
T
e
l
b
a
n
E
t
u
p
t
u
On
e
t
u
o
V3
.
0
-
6V
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Ab
m
a
T0
0
7C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sr
o
t
s
T5
5
-
5
0
1C
°
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
Oll
An
i
V5
.
455
.
5V
t
n
e
r
r
u
C
t
u
p
n
I
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
n
i
I
5
.
3
1
5
.
0
1
6
.
7
5
.
6
3
.
5
A
t
n
e
r
r
u
C
t
u
p
n
I
d
a
o
L
o
N
ll
A
0
70
0
1
A
m
t
n
e
r
r
u
C
t
u
p
n
I
f
f
O
e
t
o
m
e
Rll
A
60
1
A
m
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
ll
A
0
50
8
A
m
s
m
r
)
P
-
P
(
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
ll
A
5
3
10
6
1k
p
A
m
I2
t
n
e
i
s
n
a
r
T
t
n
e
r
r
u
C
h
s
u
r
n
I
tll
A
8
1
.
0
A2s
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
n
O
n
r
u
Tll
A
5
2
.
4
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
f
f
O
n
r
u
Tll
A
5
8
.
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com