Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFF75H120SWF Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCFF75H120SWF
Description  Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 75 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCFF75H120SWF Datasheet(HTML) 2 Page - ON Semiconductor

  PCFF75H120SWF Datasheet HTML 1Page - ON Semiconductor PCFF75H120SWF Datasheet HTML 2Page - ON Semiconductor PCFF75H120SWF Datasheet HTML 3Page - ON Semiconductor PCFF75H120SWF Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCFF75H120SWF
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
1200
V
DC Forward Current, limited by TJ max (Note 1)
IF
75
A
Pulsed Forward Current, tp limited by TJ max (Note 2)
IFM
225
A
Operating Junction Temperature
TJ
−40 to +175
°C
Storage Temperature Range
Tstg
+18 to +28
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Nominal forward current at Tc = 100°C when assembled in power module
2. Not subject to production test – verified by design/characterization.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS (Tested on Wafers)
Breakdown Voltage
VBR
IR = 1 mA
1200
−
−
V
Reverse Leakage Current
IR
VR = 1200 V
−
−
10
mA
Forward Voltage
VF
IF = 75 A
−
1.78
2.08
V
ELECTRICAL CHARACTERISTICS (Not subjected to production test – verified by design/characterization)
Breakdown Voltage
VBR
IR = 1 mA
TJ = −40°C
1200
−
−
V
Forward Voltage
VF
IF = 75 A
TJ = 175°C
−
1.9
−
V
Reverse Recovery Time
Trr
IF = 75 A, VR = 600 V,
dIF/dt = 500 A/ms, TJ = 25°C
−
281.6
−
nS
Reverse Recovery Charge
Qrr
−
3.5
−
mC
Reverse Recovery Current
IRRM
−
24.6
−
A
Reverse Recovery Time
Trr
IF = 75 A, VR = 600 V,
dIF/dt = 500 A/ms, TJ = 175°C
−
440.2
−
nS
Reverse Recovery Charge
Qrr
−
8.1
−
mC
Reverse Recovery Current
IRRM
−
37.0
−
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Switching characteristics and thermal properties are depending strongly on module design and mounting technology.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com