Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMV0141 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DMV0141
Description  2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DMV0141 Datasheet HTML 1Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2:1 1.8V PCIE GEN1-2-3 CLOCK MUX WITH ZO=100OHMS
2
AUGUST 15, 2017
9DMV0141 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Pin Descriptions
16 15 14 13
GNDR 1
12 VDD1.8
VDDR1.8 2
11 GND
VDDR1.8 3
10 DIF0#
GNDR 4
9 DIF0
5
678
Note: Paddle may be connected to ground for thermal
purposes. It is not required electrically.
16-pin VFQFPN, 3x3 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
v prefix indicates internal 120KOhm pull down resistor
9DMV0141
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx
VDD
GND
21
34
12
11
DIF outputs
Description
Pin Number
Input A receiver analog
Input B receiver analog
Pin#
Pin Name
Type
Pin Description
1
GNDR
GND
Analog Ground pin for the differential input (receiver)
2
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
3
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
4
GNDR
GND
Analog Ground pin for the differential input (receiver)
5
DIF_INB
IN
HCSL Differential True input
6
DIF_INB#
IN
HCSL Differential Complement Input
7vSW_MODE
IN
Switch Mode. This pin selects either asynchronous or glitch-free switching of the mux. Use
asynchronous mode if 0 or 1 of the input clocks is running. Use glitch-free mode if both input
clocks are running. This pin has an internal pull down resistor of ~120kohms.
0 = asynchronous mode
1 = glitch-free mode
8^OE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
9
DIF0
OUT
Differential true clock output
10
DIF0#
OUT
Differential Complementary clock output
11
GND
GND
Ground pin.
12
VDD1.8
PWR
Power supply, nominal 1.8V
13
NC
N/A
No Connection.
14
^SEL_A_B#
IN
Input to select differential input clock A or differential input clock B. This input has an internal
pull-up resistor.
0 = Input B selected, 1 = Input A selected.
15
DIF_INA
IN
HCSL Differential True input
16
DIF_INA#
IN
HCSL Differential Complement Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com