Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM007ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM007ID
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSM007ID Datasheet HTML 1Page - STMicroelectronics TSM007ID Datasheet HTML 2Page - STMicroelectronics TSM007ID Datasheet HTML 3Page - STMicroelectronics TSM007ID Datasheet HTML 4Page - STMicroelectronics TSM007ID Datasheet HTML 5Page - STMicroelectronics TSM007ID Datasheet HTML 6Page - STMicroelectronics TSM007ID Datasheet HTML 7Page - STMicroelectronics TSM007ID Datasheet HTML 8Page - STMicroelectronics TSM007ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Functional Description
TSM007
5/12
4
Functional Description
TSM007: PWM Controller IC
Internal UVLO function
The Under Voltage Lock Out function disables the
whole device when supply voltage is lower than
the threshold.
Vref block
The Vref block provides an internal 5V reference
voltage to the IC. An internal Vref status signal is
active when Vref is lower than 4.7V and is used to
drive the output driver low when Vref is not valid.
Startup latch
The startup latch is set when the IC exits from
standby mode or UVLO state. It is reset when the
CT capacitor is discharged for the first time.
Current sense input
A voltage proportional to the transformer primary
winding current is applied to the CS pin. The
control IC uses this information to perform current
mode control. The PWM function will be stopped if
the CS pin voltage is greater than 1.0V.
Oscillator
A capacitor from the CT pin to GND sets the
oscillating frequency.
T = Tc+Td
T = CT
∆Vct/Ici + CT∆Vct/Icd
Let’s assume F = 1/T =100KHz
==> CT = (IcixIcd) / (Fx
∆Vct(Ici+Icd))
==> CT = 1.5nF
Vref
1mA
400µA
CT
CT
Comp_osc
1.4V_3.0V
Out
Out
Vcc
UVLO
Vref
Vref_Status
R
S
Q
!Q
Startup Latch
Vref
1mA
400µA
CT
CT
Comp_osc
1.4V_3.0V
Out
Out
R
S
Q
!Q
Cs Latch
1V
Comp_Cs
Comp
CS
2R
R
VF
VF
725µA
Vin
VCT
Tc
Td
Ici=400µA
Vref
1mA
400µA
CT
CT
Ici
Vref
1mA
400µA
CT
CT
Icd
Icd=600µA
3V
1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com