Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM007IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM007IDT
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TSM007IDT Datasheet HTML 1Page - STMicroelectronics TSM007IDT Datasheet HTML 2Page - STMicroelectronics TSM007IDT Datasheet HTML 3Page - STMicroelectronics TSM007IDT Datasheet HTML 4Page - STMicroelectronics TSM007IDT Datasheet HTML 5Page - STMicroelectronics TSM007IDT Datasheet HTML 6Page - STMicroelectronics TSM007IDT Datasheet HTML 7Page - STMicroelectronics TSM007IDT Datasheet HTML 8Page - STMicroelectronics TSM007IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSM007
Block Diagram
2/12
1
Block Diagram
PIN DESCRIPTION
Gnd
Vin
Out
Comp
SS
CT
Vref
CS
Vin
Vref_Status
Standby
Brnout
Internal UVLO
725µA
CT
R
S
Q
!Q
Cs_Latch
R
S
Q
!Q
Start up_Latch
Css
28V
Soft start
Comp_Osc
10µA
4mA
Vref
400µA
1mA
Vref
R
2R
Comp_Cs
1V
Vin
Brown_Out
50µA
2
1
3
4
8
5
6
7
LEB
Name
Pin
Type
Function
COMP
1
Analog input
Current comparator for current mode control.
BRNOUT
2
Analog input
Undervoltage.
CS
3
Analog input
Current sense.
CT
4
Timing capacitor
Sets the oscillator frequency.
GND
5
Power supply
Signal ground.
OUT
6
Analog output
Totem pole output to direct drive a power MOSFET.
VIN
7
Power supply
Supply input voltage.
SS
8
Timing capacitor
Soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com