Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVCU04AD
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVCU04AD Datasheet HTML 1Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 2Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 3Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 4Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 5Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 6Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 7Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 8Page - NXP Semiconductors 74LVCU04AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVCU04A
Hex inverter
1998 Jul 29
3
LOGIC SYMBOL
1A
1Y
2A
2Y
3A
3Y
4A
4Y
5A
5Y
6A
6Y
1
3
5
9
11
13
2
4
6
8
10
12
SV00397
LOGIC DIAGRAM (ONE INVERTER)
SV00409
VCC
VCC
100
W
nA
nY
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nY
L
H
H
L
NOTES:
H = HIGH voltage level
L = LOW voltage level
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VI/O
DC output voltage range; output HIGH or LOW state
0
VCC
V
VI/O
DC input voltage range; output 3-State
0
5.5
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com