Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES702 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UES702
Description  ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES702 Datasheet(HTML) 2 Page - Microsemi Corporation

  UES702 Datasheet HTML 1Page - Microsemi Corporation UES702 Datasheet HTML 2Page - Microsemi Corporation UES702 Datasheet HTML 3Page - Microsemi Corporation UES702 Datasheet HTML 4Page - Microsemi Corporation UES702 Datasheet HTML 5Page - Microsemi Corporation UES702 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0224, Rev. 2 (111556)
©2011 Microsemi Corporation
Page 2 of 6
UES701 – 703 & UES701HR2 – 703HR2
MECHANICAL and PACKAGING
•
CASE: Hermetically sealed metal and glass case body with 7/16 inch hex and 10-32 threaded stud.
•
TERMINALS: Tin-lead plated or RoHS compliant matte-tin plating (commercial grade only) on nIckel.
•
MARKING: Part number.
•
WEIGHT: 10 grams (approximate).
•
Maximum Stud Torque: 10 inch pounds.
•
See Package Dimensions on last page.
OPTIONAL HIGH RELIABILITY (HR2) SCREENING
PART NOMENCLATURE
UES
701
R HR2
(e3)
High Efficiency Diode
Series number
(see Electrical Characteristics
table)
Polarity
R = Anode to Stud
Blank = Cathode to Stud
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
Screening
HR2 = High-Reliability
blank = Standard reliability
SCREEN
MIL-STD-750
METHOD
CONDITIONS
1. High Temperature
1032
24 Hours @ TA = 150
oC
2. Temperature Cycle
1051
F, 20 Cycles, -55 to +150
oC. No dwell
required @ 25
oC, T > 10 min. @ extremes
3. Hermetic Seal
a.
Fine Leak
b.
Gross Leak
1071
H, Helium
C, Liquid
4. Thermal Impedance
3101
5. Interim Electrical Parameters
GO/NO GO
As applicable
6. High Temperature Reverse Bias
(HTRB)
As Applicable
t= 48 hours, Tc = 125 °C with applicable
bias conditions
7. Final Electrical Parameters
GO/NO GO
As applicable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com