Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL4618-1 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDLL4618-1
Description  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4618-1 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDLL4618-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4618-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4618-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4618-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4618-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4618-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 3 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
SYMBOLS & DEFINITIONS
Symbol
Definition
α
VZ
Temperature Coefficient of Regulator Voltage: The change in regulator voltage divided by the change in temperature
that caused it expressed in %/C or mV/°C.
IR
Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and temperature.
IZ, IZT, IZK
Regulator Current: The dc regulator current (IZ), at a specified test point (IZT), near breakdown knee (IZK).
IZM
Maximum Regulator (Zener) Current: The maximum rated dc current for the specified power rating.
ND
Noise Density: The noise generated over a specified frequency bandwidth u
sually specified in terms of mV/ √Hz.
VR
Reverse Voltage: The reverse voltage dc value, no alternating component.
VZ
Zener Voltage: The Zener voltage the device will exhibit at a specified current (IZ) in its breakdown region.
ZZT or ZZK
Dynamic Impedance: The small signal impedance of the diode when biased to operate in its breakdown region at a
specified rms current modulation (typically 10% of IZT or IZK) and superimposed on IZT or IZK respectively.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com