Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H66T68BA Datasheet(PDF) 1 Page - Micro Electronics

Part # H66T68BA
Description  64-Note ROM memory Dynamic speaker can be driven with external NPN transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

H66T68BA Datasheet(HTML) 1 Page - Micro Electronics

  H66T68BA Datasheet HTML 1Page - Micro Electronics H66T68BA Datasheet HTML 2Page - Micro Electronics H66T68BA Datasheet HTML 3Page - Micro Electronics H66T68BA Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200220
Issued Date : 1998.04.08
Revised Date : 2002.12.20
Page No. : 1/4
H66T19XA, H66T32XA, H66T68XA
HSMC Product Specification
H66T19/32/68 Series
Description
The H66T19/32/68 series is a CMOS LSI designed for use in door bell,
telephone and toy applications. It is an on-chip ROM program-med for
music performance. Produced by COMS technology, the device results in
very low power consumption. Since the H66T19/32-/68 series includes
oscillation circuits, a compact melody module can be constructed with only
a few additional components.
Feature
• 64-Note ROM memory
• 1.5V to 3V power supply and low power consumption
• Dynamic speaker can be driven with external NPN transistor
• OSC resistor is built-in
• Built-in level hold mode
• Power on reset: melody begins from the first note
Absolute Maximum Ratings
• DC Supply Voltage ............................................................................................................ 1.5 V to +3 V
• Operating Ambient Temperature..................................................................................... -10 °C to 60 °C
• Storage Temperature.................................................................................................... -55 °C to 125 °C
Pin Configuration
Pin No.
Symbol
Description
1
Ground
Negative Power Supply
2
Vin
Positive Power Supply
3
Vout
Melody Output
Song Titles
Part No.
Title
H66T19AA
For Alice (Play time between 21s to 26s at Vcc=1.5V)
H66T19BA
For Alice (Play time between 18.5s to 22.5s at Vcc=1.5V)
H66T32AA
Coo Coo Waltz (Play time between 16.5s to 20s at Vcc=1.5V)
H66T32BA
Coo Coo Waltz (Play time between 15s to 18.5s at Vcc=1.5V)
H66T68AA
It's A Small World (Play time between 30s to 36s at Vcc=1.5V)
H66T68BA
It's A Small World (Play time between 28s to 34s at Vcc=1.5V)
Note: During time bases on circuit in fig-2 in page 3.
TO-92


Similar Part No. - H66T68BA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H6610 HAMAMATSU-H6610 Datasheet
26Kb / 2P
PHOTOMULTIPLIER TUBE ASSEMBLIES
logo
Schneider Electric
H663AWK SCHNEIDER-H663AWK Datasheet
78Kb / 2P
Safety switch, heavy duty, fusible, 100A, 4 poles, 75 hp, 600 VAC/DC, NEMA 12
Jun 16, 2021
H664AWK SCHNEIDER-H664AWK Datasheet
86Kb / 2P
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 12
Jun 14, 2021
H664DS SCHNEIDER-H664DS Datasheet
121Kb / 2P
Safety switch, heavy duty, fusible, 200A, 4 poles, 150 hp, 600 VAC/DC, NEMA 4, 4X, 5, 304 steel
Jun 16, 2021
logo
SHANTOU HUASHAN ELECTRO...
H669A HUASHAN-H669A Datasheet
63Kb / 1P
N PN SILICON TRANSISTOR
More results

Similar Description - H66T68BA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18C601 MICROCHIP-PIC18C601 Datasheet
5Mb / 320P
High-Performance ROM-less Microcontrollers with External Memory Bus
2001
PIC18C601 MICROCHIP-PIC18C601_13 Datasheet
7Mb / 322P
High-Performance ROM-less Microcontrollers with External Memory Bus
11/29/12 2001-2013
logo
Analog Devices
ADMCF340 AD-ADMCF340_15 Datasheet
430Kb / 40P
64-Lead Flash and ROM Memory
REV. A
logo
Soberton Inc.
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
Dynamic Speaker
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
Dynamic Speaker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com