Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40293 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # ZL40293
Description  20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40293 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button ZL40293 Datasheet HTML 17Page - Microsemi Corporation ZL40293 Datasheet HTML 18Page - Microsemi Corporation ZL40293 Datasheet HTML 19Page - Microsemi Corporation ZL40293 Datasheet HTML 20Page - Microsemi Corporation ZL40293 Datasheet HTML 21Page - Microsemi Corporation ZL40293 Datasheet HTML 22Page - Microsemi Corporation ZL40293 Datasheet HTML 23Page - Microsemi Corporation ZL40293 Datasheet HTML 24Page - Microsemi Corporation ZL40293 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ZL40293
ZL40293
March 2019
© 2019 Microsemi Corporation
21
PCIe Electrical Characteristics
PCIe measurement are related only to ZL40293 device. Test setup is shown Figure 20.
Table 17
PCIe Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Notes
1
Rising edge rate
Rise_rate
1.4
1.6
2
V/ns
(2), (3)
2
Falling edge rate
Fall_rate
1.4
1.6
2
V/ns
(2), (3)
3
Differential High Voltage
VIH
0.7
V
(2)
4
Differential Low Voltage
VIL
-0.7
V
(2)
5
Single ended high voltage
VSIH
0.7
0.76
0.82`
V
DC Measurement
6
Single ended low voltage
VSIL
-0.05
0
0.05
V
DC Measurement
7
Absolute Crossing Voltage
VCROSS
0.275
0.35
V
(1), (4), (5)
8
Variation of VCROSS over all rising clock edges
∆VCROSS
0.08
V
(1), (4), (9)
9
Ring back voltage margin
VRB
-0.3
-0.3
V
(2), (11)
10
Time before VRB is allowed
tSTABLE
500
(2), (11)
11
Average Clock Period Accuracy
TPERIOD_AVG
NA
NA
ppm
(10)
12
Absolute Period
TPERIOD_ABS
NA
NA
ns
(6)
13
Cycle-to-cycle jitter
TJCC
3.5
6
ps
peak to
peak
(2)
14
Absolute Maximum voltage
VMAX
0.8
V
(1), (7)
15
Absolute Minimum voltage
VMIN
-0.3
V
(1), (8)
16
Output Duty-Cycle (when input has 50% duty-cycle)
Duty_cycle
49
50
51
%
(2)
17
Rising to falling edge matching
r/f match
6
%
(1), (7)
18
Clock Source DC impedance (CK)
ZC-DC_CK
50 - 5%
50
50 + 5%
Ω
DC Measurement
19
Clock Source DC impedance (CK#)
ZC-DC_CK#
50
– 5%
50
50 + 5%
Ω
DC Measurement
20
Output frequency
FMAX
0
250
MHz
21
Output to output skew
tOOSK
50
ps
22
Device to device output skew
tDOOSK
0.5
ns
23
Input to output delay
tIOD
0.9
1.5
ns
24
Output enable time
tEN
10
cycles
25
Output disable time
tDIS
10
cycles
* Values are over Recommended Operating Conditions
(0)
Output differential swing is calculated as VSW = VOH-VOL. It should not be confused with VSW = 2 * (VOH-VOL) used in some datasheets
(1)
Measurement taken from single ended waveform
(2)
Measurement taken from differential waveform.
(3)
Measured from -150 mV to +150 mV on the differential waveform (derived from CK minus CK#) The signal must be monotonic through the
measurement region for rise and fall time. The 300 mV measurement window is centered on the differential zero crossing. See Figure 18
(4)
Measured at crossing point where the instantaneous voltage value of the rising edge of CK equals the falling edge of CK# . See Figure 15
(5)
Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for this
measurement. See Figure 15.
(6)
This requirement, from PCI Express Base Specification, Revision 4.0 is applicable only to clock generators and not to buffers. A clock buffer is a transparent
device whose output clock period follows the input clock period.
(7)
Defined as the maximum instantaneous voltage including overshoot. See Figure 15.
(8)
Defined as the minimum instantaneous voltage including undershoot. See Figure 15.
(9)
Defined as the total variation of all crossing voltages of Rising CK and Falling CK# This is the maximum allowed variance in VCROSS for any particular
system. See Figure 16.
(10) The PPM requirement from PCIe Express Base Specification, Revision 4.0 is related to clock generation devices. This requirement is not applicable to buffers
because buffer’s output frequency accuracy is identical to the frequency accuracy of the source driving the buffer.
(11) TSTABLE is the time the differential clock must maintain a minimum ±150 mV differential voltage after20 rising/falling edges before it is allowed to droop
back into the VRB ±100 mV differential range. See Figure 19.
(12) Matching applies to rising edge rate for CKx and falling edge rate for CK#x. It is measured using a ±75 mV window centered on the median cross point where
CKx rising meets CK#x falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The
Rise Edge Rate of CKx should be compared to the Fall Edge Rate of CK#x the maximum allowed difference should not exceed 20% of the slowest edge rate.
See Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com