Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT30002A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT30002A
Description  Diffuse reflection sensor (analogue/digital)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT30002A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT30002A Datasheet HTML 1Page - List of Unclassifed Manufacturers UT30002A Datasheet HTML 2Page - List of Unclassifed Manufacturers UT30002A Datasheet HTML 3Page - List of Unclassifed Manufacturers UT30002A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ipf electronic gmbh
Kalver Straße 27
D-58515 Lüdenscheid
Subject to alteration!
dat 040 – 10/04
fon +49 (0) 2351 / 9365-0
fax +49 (0) 2351 / 936519
www.ipf-electronic.de
e-mail: info@ipf-electronic.de
ultrasonic sensor
Technical data and list of articles
analogue output 4-20mA
UT180020
UT180021
UT180022
UT300020
analogue output 0-10V DC
UT18002A
UT18002B
UT18002C
UT30002A
detection range
60 to 500mm
100 to 800mm
200 to 2000mm
300 to 3500mm
carrier frequency
330kHz
300kHz
180kHz
130kHz
repeat accuracy
± 2mm / ± 0.2%
± 2mm / ± 0.2%
± 2mm / ± 0.2%
± 2mm / ±0.4%
linearity error
< 0.3%
< 0.3%
< 0.3%
< 0.5%
response time
100msec
100msec
250msec
400msec
90% of the accumulated value
UT30002A: 700msec
current consumption
< 40mA
< 40mA
< 40mA
< 35mA
figure
1
1
1
2
operating voltage
15V to 30V DC
sonic cone angle
8°
alignment mark
green LED
measuring range status
2 yellow LEDs
ambient temperature
-15 to +70°C
housing
PTBT
system of protection
IP67 to EN 60529
connection
M12-connector 5 pins
matching cable socket
2m: VK200621, 5m: VK500621, 10m: VKA00621
Fig. 1Fig. 2
Sensing ranges of the ultrasonic sensor
Connection
wire colours: bn = brown(1), bu = blue (3), bk = black (4), gn/ye = green/yellow (5)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com