Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0831CCWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0831CCWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0831CCWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0831CCWM Datasheet HTML 1Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 2Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 3Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 4Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 5Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 6Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 7Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Ordering Information
Part Number
Analog Input
Total
Package
Temperature
Channels
Unadjusted Error
Range
ADC0831CCN
1
±1
Molded (N)
0˚C to +70˚C
ADC0831CCWM
SO(M)
0˚C to +70˚C
ADC0832CIWM
2
±1
SO(M)
−40˚C to +85˚C
ADC0832CCN
Molded (N)
0˚C to +70˚C
ADC0832CCWM
SO(M)
0˚C to +70˚C
ADC0834BCN
4
±1⁄2
Molded (N)
0˚C to +70˚C
ADC0834CCN
±1
Molded (N)
0˚C to +70˚C
ADC0834CCWM
SO(M)
0˚C to +70˚C
ADC0838BCV
8
±1⁄2
PCC (V)
0˚C to +70˚C
ADC0838CCV
±1
PCC (V)
0˚C to +70˚C
ADC0838CCN
Molded (N)
0˚C to +70˚C
ADC0838CIWM
SO(M)
−40˚C to +85˚C
ADC0838CCWM
SO(M)
0˚C to +70˚C
See NS Package Number M14B, M20B, N08E, N14A,
N20A or V20A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com