Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0832CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0832CIWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0832CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC0832CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0832CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Converter and Multiplexer Electrical Characteristics The following specifications apply for
VCC =V+=VREF = 5V, VREF
≤ V
CC +0.1V, TA =Tj = 25˚C, and fCLK = 250 kHz unless otherwise specified. Boldface limits
apply from T
MIN to TMAX. (Continued)
Parameter
Conditions
CIWM Devices
BCV, CCV, CCWM, BCN
and CCN Devices
Typ
Tested
Design
Typ
Tested
Design
Units
(Note 12)
Limit
Limit
(Note 12)
Limit
Limit
(Note 13) (Note 14)
(Note 13)
(Note 14)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Power Supply Sensitivity
V
CC=5V±5%
±1/16
±1⁄4
±1⁄4
±1/16
±1⁄4
±1⁄4
LSB
I
OFF, Off Channel Leakage
On
Channel=5V,
−0.2
−0.2
−1
µA
Current (Note 9)
Off
Channel=0V
−1
On
Channel=0V,
+0.2
+0.2
+1
µA
Off
Channel=5V
+1
I
ON, On Channel Leakage
On
Channel=0V,
−0.2
−0.2
−1
µA
Current (Note 9)
Off
Channel=5V
−1
On
Channel=5V,
+0.2
+0.2
+1
µA
Off
Channel=0V
+1
DIGITAL AND DC CHARACTERISTICS
V
IN(1), Logical “1” Input
V
CC=5.25V
2.0
2.0
2.0
V
Voltage (Min)
V
IN(0), Logical “0” Input
V
CC=4.75V
0.8
0.8
0.8
V
Voltage (Max)
I
IN(1), Logical “1” Input
V
IN=5.0V
0.005
1
0.005
1
1
µA
Current (Max)
I
IN(0), Logical “0” Input
V
IN=0V
−0.005
−1
−0.005
−1
−1
µA
Current (Max)
V
OUT(1), Logical “1” Output
V
CC=4.75V
Voltage (Min)
I
OUT=−360 µA
2.4
2.4
2.4
V
I
OUT=−10 µA
4.5
4.5
4.5
V
V
OUT(0), Logical “0” Output
V
CC=4.75V
0.4
0.4
0.4
V
Voltage (Max)
I
OUT=1.6 mA
I
OUT, TRI-STATE Output
V
OUT=0V
−0.1
−3
−0.1
−3
−3
µA
Current (Max)
V
OUT=5V
0.1
3
0.1
+3
+3
µA
I
SOURCE, Output Source
V
OUT=0V
−14
−6.5
−14
−7.5
−6.5
mA
Current (Min)
I
SINK, Output Sink Current (Min)
V
OUT=VCC
16
8.0
16
9.0
8.0
mA
I
CC, Supply Current (Max)
ADC0831, ADC0834,
0.9
2.5
0.9
2.5
2.5
mA
ADC0838
ADC0832
Includes
Ladder
2.3
6.5
2.3
6.5
6.5
mA
Current
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com