Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA12-600SW Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA12-600SW
Description  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600SW Datasheet(HTML) 5 Page - STMicroelectronics

  BTA12-600SW Datasheet HTML 1Page - STMicroelectronics BTA12-600SW Datasheet HTML 2Page - STMicroelectronics BTA12-600SW Datasheet HTML 3Page - STMicroelectronics BTA12-600SW Datasheet HTML 4Page - STMicroelectronics BTA12-600SW Datasheet HTML 5Page - STMicroelectronics BTA12-600SW Datasheet HTML 6Page - STMicroelectronics BTA12-600SW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTA/BTB12 and T12 Series
5/7
Fig. 4:
On-state characteristics (maximum
values).
Fig. 5: Surge peak on-state current versus
number of cycles.
Fig. 6:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
Fig. 7: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 8-1: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values) (BW/CW/T1235).
Fig. 8-2: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values) (TW).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
ITM (A)
Tj=25°C
Tj max
Tj max.
Vto = 0.85 V
Rd = 35 m
Ω
VTM(V)
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
120
130
ITSM (A)
Non repetitive
Tj initial=25°C
Repetitive
Tc=90°C
One cycle
t=20ms
Number of cycles
0.01
0.10
1.00
10.00
10
100
1000
tp (ms)
ITSM (A), I²t (A²s)
Tj initial=25°C
ITSM
I²t
dI/dt limitation:
50A/µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25°C]
IGT
IH & IL
Tj(°C)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
BW/CW/T1235
C
B
SW
(dV/dt)c (V/µs)
0.1
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
10.0
100.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
TW
(dV/dt)c (V/µs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com