Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-231 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9169CF-231
Description  Frequency Generator for Pentium Based Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-231 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9169CF-231 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 7Page - Integrated Circuit Systems ICS9169CF-231 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS169C-231
Pin Descriptions
* The internal pull up will vary from 350K to 500K based on temperature
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD1
PWR
Power for control logic and crystal oscillator circuit and
14.318 MHz output
2X1
IN
XTAL or external reference frequency input. This input includes XTAL
load capacitance and feedback bias for a 12-16MHz crystal, nominally
14.31818mhz. External crystal load of 30pF to GND recommended for
VDD power on faster than 2.0ms.
3
X2
OUT
XTAL output drive from device. XTAL output which includes XTAL load
capacitance. External crystal load of 10pF to GND recommended for VDD
power on faster than 2.0ms.
4,11,16,22
GND
PWR
Ground for control logic.
6,7,9,10,15
CPU(2,3,4,5,8)
OUT
Processor clock outputs which are a multiple of the input reference clock
as shown in the preceding table.
5,12,13
CPU1, CPU6,
CPU7
OUT
Processor clock outputs which are a multiple of the input reference clock
as shown in the preceding table.
5,12,13
FS (0:2)
IN
Frequency multiplier select pins. See shared pin programming description
later in this data sheet for further explanation. 350K* internal pull up.
8
VDD2
PWR
Power for CPU (1:6) clock buffers only. This VDD supply can be reduced
to 2.5V for CPU (1:6) outputs.
14
VDD3
PWR
Power for CPU (7:8) clock buffers and internal PLL and Core logic. Must
be nominal 3.3V (3.0 to 3.7V)
17,18,20,21,23, 24
BUS(1:6)
OUT
BUS clock outputs which are a multiple of the input reference clock as
shown in the preceding table.
19
VDD4
PWR
Power for BUS clock buffers BUS (1:6)
25
VDD5
PWR
Power for fixed clock buffer (48 MHz, 24 MHz)
26
24 MHz
OUT
Fixed 24 MHz clock (assuming a 14.31818 MHz REF frequency).
27
48 MHz
OUT
Fixed 48 MHz clock (assuming a 14.31818 MHz REF frequency).
28
REF
OUT
Fixed 14.31818 MHz clock (assuming a 14.31818 MHz REF frequency).
BSEL
IN
Selection for synchronous or asynchronous bus clock operation. 350K*
internal pull up.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com