Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C344-15PC/PI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C344-15PC/PI
Description  32-Macrocell MAX EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15PC/PI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C344-15PC/PI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 9Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 10Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C344
Document #: 38-03006 Rev. **
Page 7 of 15
Typical Internal Switching Characteristics Over Operating Range[7]
7C344-15
7C344-20
7C344-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tIN
Dedicated Input Pad and Buffer Delay
Com’l/Ind
4
5
7
ns
Mil
4
5
7
tIO
I/O Input Pad and Buffer Delay
Com’l/Ind
4
5
7
ns
Mil
4
5
7
tEXP
Expander Array Delay
Com’l/Ind
8
10
15
ns
Mil
8
10
15
tLAD
Logic Array Data Delay
Com’l/Ind
7
9
10
ns
Mil
7
9
10
tLAC
Logic Array Control Delay
Com’l/Ind
5
7
7
ns
Mil
5
7
7
tOD
Output Buffer and Pad Delay
Com’l/Ind
4
5
5
ns
Mil
4
5
5
tZX
Output Buffer Enable Delay[27]
Com’l/Ind
7
8
11
ns
Mil
7
8
11
tXZ
Output Buffer Disable Delay
Com’l/Ind
7
8
11
ns
Mil
7
8
11
tRSU
Register Set-Up Time Relative to Clock Signal
at Register
Com’l/Ind
5
5
8
ns
Mil
558
tRH
Register Hold Time Relative to Clock Signal at
Register
Com’l/Ind
7
9
12
ns
Mil
7
9
12
tLATCH
Flow-Through Latch Delay
Com’l/Ind
1
1
3
ns
Mil
1
1
3
tRD
Register Delay
Com’l/Ind
1
1
1
ns
Mil
1
1
1
tCOMB
Transparent Mode Delay[28]
Com’l/Ind
1
1
3
ns
Mil
1
1
3
tCH
Clock HIGH Time
Com’l/Ind
6
7
8
ns
Mil
678
tCL
Clock LOW Time
Com’l/Ind
6
7
8
ns
Mil
678
tIC
Asynchronous Clock Logic Delay
Com’l/Ind
7
8
10
ns
Mil
7
8
10
tICS
Synchronous Clock Delay
Com’l/Ind
1
2
3
ns
Mil
1
2
3
tFD
Feedback Delay
Com’l/Ind
1
1
1
ns
Mil
1
1
1
tPRE
Asynchronous Register Preset Time
Com’l/Ind
5
6
9
ns
Mil
5
6
9
tCLR
Asynchronous Register Clear Time
Com’l/Ind
5
6
9
ns
Mil
5
6
9
tPCW
Asynchronous Preset and Clear Pulse Width
Com’l/Ind
5
5
7
ns
Mil
557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com