Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20PF75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB20PF75
Description  P-CHANNEL 75V - 0.10 ??- 20A D²PAK STripFET??II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20PF75 Datasheet(HTML) 1 Page - STMicroelectronics

  STB20PF75 Datasheet HTML 1Page - STMicroelectronics STB20PF75 Datasheet HTML 2Page - STMicroelectronics STB20PF75 Datasheet HTML 3Page - STMicroelectronics STB20PF75 Datasheet HTML 4Page - STMicroelectronics STB20PF75 Datasheet HTML 5Page - STMicroelectronics STB20PF75 Datasheet HTML 6Page - STMicroelectronics STB20PF75 Datasheet HTML 7Page - STMicroelectronics STB20PF75 Datasheet HTML 8Page - STMicroelectronics STB20PF75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2004
STB20PF75
P-CHANNEL 75V - 0.10
Ω - 20A D²PAK
STripFET™ II POWER MOSFET
■
TYPICAL RDS(on) = 0.10
Ω
■
EXCEPTIONAL dv/dt CAPABILITY
■
100% AVALANCHE TESTED
■
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
■
MOTOR CONTROL
■
DC-DC & DC-AC CONVERTERS
TYPE
VDSS
RDS(on)
ID
STB20PF75
75 V
< 0.12
Ω
20 A
ADD SUFFIX “T4” FOR ORDERING IN TAPE & REEL
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area
(1) ISD
≤20A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 10 A, VDD = 30V
Note: For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
75
V
VDGR
Drain-gate Voltage (RGS = 20 k
Ω)
75
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
20
A
ID
Drain Current (continuous) at TC = 100°C
14
A
IDM(
•)
Drain Current (pulsed)
80
A
Ptot
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.53
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
10
V/ns
EAS (2)
Single Pulse Avalanche Energy
350
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB20PF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200N4F3 STMICROELECTRONICS-STB200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
logo
Inchange Semiconductor ...
STB200N4F3 ISC-STB200N4F3 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
STB200NF03 STMICROELECTRONICS-STB200NF03 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
STB200NF03 STMICROELECTRONICS-STB200NF03 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
More results

Similar Description - STB20PF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
May-2003
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com