Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5848 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5848
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5848 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5848 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5848 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5848 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5848
2
SJC00327AED
PC  Ta
IC  VCE
IC  IB
IB  VBE
IC  VBE
VCE(sat)  IC
0
20 40
60 80 100 120 140
0
20
40
60
80
100
120
2SC5848_ PC-Ta
Ambient temperature Ta (°C)
0
4
2
6
8
10
12
0
50
40
30
20
10
2SC5848_IC-VCE
Collector-emitter voltage VCE (V)
IB = 160 µA
140 µA
100 µA
80 µA
60 µA
40 µA
20 µA
120 µA
Ta = 25°C
0
0.2
0.4
0.6
0.8
1.0
0
140
120
100
80
60
40
20
2SC5848_IC-IB
Base current IB (mA)
VCE = 10 V
Ta = 25°C
0
0.2
0.4
0.6
0.8
0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
2SC5848_IB-VBE
Base-emitter voltage VBE (V)
VCE = 10 V
Ta = 25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
2SC5848_IC-VBE
Base-emitter voltage VBE (V)
VCE = 10V
Ta = 75°C
–25°C
25°C
1
10
100
0.01
0.1
1
2SC5848_VCE(sat)-IC
Collector current IC (mA)
Ta = 75°C
–25°C
25°C
IC / IB = 10
hFE  IC
Cob  VCB
1
10
100
1000
0
50
100
150
200
250
300
350
Collector current IC (mA)
2SC5848_hFE-IC
Ta = 75°C
–25°C
25°C
VCE = 10 V
0
16
8
24
32
40
1
10
Collector-base voltage VCB (V)
2SC5848_Cob-VCB
f = 1 MHz
Ta = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com