Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20PC-3AS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-3AS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-3AS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMS-20PC-3AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-3AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-3AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-3AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-3AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-3AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DMS-20PC
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input circuit,
unless otherwise noted.
➀ Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected
(see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage.
➁ See Technical Notes.
➂ The DISPLAY HOLD function is optional on standard red and green LED models only.
See Ordering Information.
Leave blank for standard
models.
Add -H for DISPLAY
HOLD option (available on
standard red and green
LED models only).
DMS-20PC - 1 - RS
LED Color:
AS = Standard Amber
GS = Standard Green
OS = Standard Orange
RS = Standard Red
YS = Standard Yellow
RH = High-Intensity Red
RL = Low-Power Red
Accessories:
DMS-20-CP
Panel cutout punch
DMS-BZL3
DMS-20 bezel assembly
DMS-BZL4
DMS-20 bezel assembly with sealing gasket
DMS-EB2
Application/evaluation board with standard
MOLEX connector, decimal point solder pads
and attenuation resistor pads.
Technical Notes
1. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a
precision reference actively trimmed at the factory. In normal
operation, pin 8 must be tied to pin 7 to achieve all listed accuracy
and drift specifications.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, "relative" ground. It is used in certain differential and
"floating" measurements as described in the Applications section
of this data sheet and Ap Note 3 of the DATEL Panel Meter Catalog.
Pin 10 should not be connected to pin 3 (5V RETURN) or to
your system’s analog ground.
3. Decimal Point Placement: The location of the decimal point is
user-selectable, and the decimal point control pins (DP1-DP3) are
active low functions. Select the appropriate decimal point by tying
the appropriate pin (pin 4, 5 or 6) to pin 3 (5V RETURN). Unused
decimal point location pins should be left open.
Hard wiring is preferable, however, you can use logic gates to
exercise dynamic control over the location of the decimal point if the
following drive conditions are met:
Model
Applied "0" Voltage
Load Current*
DMS-20PC-X-RL
+0.05V max.
0.7mA max.
All Others
+0.4V max.
6mA max.
* The driving gates must be able to sink this much current
(IOL) with a logic "0" output.
Ordering Information
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V
A panel-mount retaining clip is supplied with each model.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-20PC-0
--
±200
--
mV
DMS-20PC-1
--
±2
--
Volts
DMS-20PC-2
--
±20
--
Volts
DMS-20PC-3
--
±200
--
Volts
Input Impedance:
DMS-20PC-0, -1
100
1000
--
M
Ω
DMS-20PC-2, -3
0.8
1
--
M
Ω
Overvoltage Protection ➀
--
--
±250
Volts
Common Mode Voltage Range
--
--
±2
Volts
CMRR (dc to 60Hz)
--
86
--
dB
Control Inputs ➁ ➂
Decimal Point Placement (Pins 4-6)
Tie to pin 3 to activate
Display Test (Pin 9)
Tie to pin 1 to activate all segments
Display Hold (Pin 9) ➂
Tie to pin 1 to hold last reading
Performance
Sampling Rate
2.5 samples per second
Accuracy (3 minute warm-up):
DMS-20PC-0 (VIN = +0.19V)
--
±1
±3
Counts
DMS-20PC-1 (VIN = +1.9V)
--
±1
±3
Counts
DMS-20PC-2 (VIN = +19V)
--
±2
±3
Counts
DMS-20PC-3 (VIN = +190V)
--
±2
±3
Counts
Zero Reading (VIN = 0 Volts)
"– 001"
"000"
"001"
Temperature Drift (0 to +60°C)
--
±0.2
±0.4
Cnts/°C
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
DMS-20PC-X-RS
--
+60
+90
mA
DMS-20PC-X-RL
--
+7
+12
mA
DMS-20PC-X-AS
--
+90
+120
mA
DMS-20PC-X-GS
--
+90
+120
mA
DMS-20PC-X-OS
--
+90
+120
mA
DMS-20PC-X-YS
--
+90
+120
mA
DMS-20PC-X-RS-H
--
+60
+90
mA
DMS-20PC-X-GS-H
--
+90
+120
mA
DMS-20PC-X-RH
--
+60
+90
mA
Display
Display Type and Size
3½ Digit LED, 0.37"/9.4mm high
Polarity Indication
Autopolarity ("–" for negative VIN)
Overrange Indication
"–1_ _ _ " for negative VIN
"1_ _ _ " for positive VIN
Physical/Environmental
Operating Temperature
0--
+60
°C
Storage Temperature
– 40
--
+75
°C
Humidity (Non-condensing)
0
--
95
%
Case Material
Polycarbonate
Weight
0.4 ounces (11 grams)
Order on-line at www.datel.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com