Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8THC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M8THC
Description  LOAD INSENSITIVE MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M8THC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M8THC Datasheet HTML 1Page - List of Unclassifed Manufacturers M8THC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR =
fR =
fR =
fR =
fL =
fL =
fL =
fL =
fI =
fI =
fI =
fI =
Isolation (min.)
L to R
fL =
fL =
fL =
L to I
fL =
fL =
fL =
R to I
fR =
fR =
1 dB Conversion Compression
fL @
fL @
Input IP3
fR1 =
fL =
fR1 =
fL =
fR1 =
fL =
fR2 =
fR2 =
fR2 =
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
Package
Figure
Model
Storage Temperature
Peak Input Power
Peak Input Current
· LO 1 TO 3400 MHz
· RF 1 TO 3400 MHz
· IF 1 TO 2000 MHz
· LO DRIVE: +23 dBm (NOMINAL)
· INSENSITIVE TO SYSTEM MISMATCH
· HIGH INTERCEPT: +29 dBm (TYP.)
M8TH/M8THC
LOAD INSENSITIVE MIXER
Specifications (Rev. Date: 7/02)*
Guaranteed conversion loss values for M8THC unit are 0.5 dB worse than values listed and guaranteed over 0°C to 50°C temperature range only. Measured in
a 50-ohm system with nominal LO drive and downconverter application only, unless otherwise specified. Subject to change without notice.
BO
27 dBm max. @ +25°, 23 dBm max. @ +100°C
-65°C to 100°C
-54°C to 100°C
M8TH
0.005 to 2 GHz,
0.005 to 2 GHz,
0.001 to 0.5 GHz
0.001 to 3.4 GHz,
0.001 to 3.4 GHz,
0.001 to 2 GHz
6.5 dB
8.0 dB
10.5 dB
8.3 dB
10.8 dB
0.01 to 1.5 GHz
37 dB
35 dB
40 dB
35 dB
21 dB
30 dB
22 dB
30 dB
25 dB
29 dB
21 dB
29 dB
24 dB
+23 dBm
+17 dBm
1 GHz @ 0 dBm
+29 dBm
1.01 GHz @ 0 dBm
1.8 GHz @ 22 dBm
8.5 dB
CH
M8THC
0.01 to 3.4 GHz
0.01 to 1.5 GHz
0.01 to 3.4 GHz
0.01 to 3.4 GHz
TO-8
SMA
*


Similar Part No. - M8THC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M8THC MACOM-M8THC Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M8THC MA-COM-M8THC Datasheet
988Kb / 3P
Load Insensitive Mixer
M8THC MA-COM-M8THC Datasheet
993Kb / 3P
Load Insensitive Mixer
M8THC MA-COM-M8THC_15 Datasheet
993Kb / 3P
Load Insensitive Mixer
More results

Similar Description - M8THC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
M4TH MACOM-M4TH Datasheet
290Kb / 3P
Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
Load Insensitive Mixer
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4T MA-COM-M4T Datasheet
529Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
Load Insensitive Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com