Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032EA Datasheet(PDF) 42 Page - STMicroelectronics

Part # M59DR032EA
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032EA Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M59DR032EA Datasheet HTML 35Page - STMicroelectronics M59DR032EA Datasheet HTML 36Page - STMicroelectronics M59DR032EA Datasheet HTML 37Page - STMicroelectronics M59DR032EA Datasheet HTML 38Page - STMicroelectronics M59DR032EA Datasheet HTML 39Page - STMicroelectronics M59DR032EA Datasheet HTML 40Page - STMicroelectronics M59DR032EA Datasheet HTML 41Page - STMicroelectronics M59DR032EA Datasheet HTML 42Page - STMicroelectronics M59DR032EA Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
M59DR032EA, M59DR032EB
42/43
REVISION HISTORY
Table 34. Document Revision History
Date
Version
Revision Details
05-Feb-2002
-01
First Issue
04-Apr-2002
-02
Document classified as Preliminary Data. Top and Bottom Device Codes modified,
Program commands text clarified, Table 4, Commands modified, Table 9, Program and
Erase Times modified, Status Register Error bit DQ5 text clarified, Table 21, Data
Polling and Toggle Bits AC Characteristics modified.
05-Sep-2002
2.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 02 equals 2.0).
Locked block condition at Reset specified in the Summary Description. Read CFI
Query Command, Auto Select Command, Enter Bypass Mode Command, Block Erase
Command, Bank Erase Command and Erase Suspend Command specified. Auto
Select command modified in Table 4, Commands. States of lines A8-A20 modified in
Table 5, Read Electronic Signature. States of lines A8-A20 modified in Table 8, Read
Protection Register. Note corresponding to DQ3 at ‘0’ specified in Table 12, Status
Register Bits.
04-Dec-2002
2.2
Figures 18 and 19 added (TFBGA48 Daisy Chain - Package Connections (Top view
through package) and TFBGA48 Daisy Chain - PCB Connection Proposal (Top view
through package), respectively).
85ns Speed Class added.
22-Apr-2003
3.0
Document promoted from Preliminary Data to full Datasheet status.
TFBGA48, 7 x 7mm, 0.75mm pitch package added. 85ns Speed Class characterized.
Performance of Bank Erase Command specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com