Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFE Datasheet(PDF) 39 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 35Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 36Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 37Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 38Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 39Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 40Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 41Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 42Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
M59DR032EA, M59DR032EB
APPENDIX B. COMMON FLASH INTERFACE
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the Read CFI Query Command is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 30, 31,
32 and 33 show the address used to retrieve each
data. The Query data is always presented on the
lowest order data outputs (DQ0-DQ7), the other
outputs (DQ8-DQ15) are set to 0.
The CFI data structure contains also a security
area starting at address 81h. This area can be ac-
cessed only in read mode and it is impossible to
change after it has been written by ST. Issue a
Read command to return to Read mode.
Table 30. Query Structure Overview
Table 31. CFI Query Identification String
Offset
Sub-section Name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
Offset
Data
Description
00h
0020h
Manufacturer Code
01h
00A1h - bottom
00A0h - top
Device Code
02h-0Fh
reserved
Reserved
10h
0051h
Query Unique ASCII String "QRY"
11h
0052h
Query Unique ASCII String "QRY"
12h
0059h
Query Unique ASCII String "QRY"
13h
0002h
Primary Algorithm Command Set and Control Interface ID code 16 bit ID code
defining a specific algorithm
14h
0000h
15h
offset = P = 0040h
Address for Primary Algorithm extended Query table
16h
0000h
17h
0000h
Alternate Vendor Command Set and Control Interface ID Code second vendor
- specified algorithm supported (note: 0000h means none exists)
18h
0000h
19h
value = A = 0000h
Address for Alternate Algorithm extended Query table
note: 0000h means none exists
1Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com