Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZBF Datasheet(PDF) 21 Page - STMicroelectronics

Part # M59DR032E-ZBF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZBF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M59DR032E-ZBF Datasheet HTML 17Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 18Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 19Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 20Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 21Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 22Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 23Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 24Page - STMicroelectronics M59DR032E-ZBF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
M59DR032EA, M59DR032EB
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 14, Operating
and AC Measurement Conditions. Designers
should check that the operating conditions in their
circuit match the operating conditions when rely-
ing on the quoted parameters.
Table 14. Operating and AC Measurement Conditions
Figure 5. Testing Input/Output Waveforms
Figure 6. AC Testing Load Circuit
Table 15. Capacitance
Note: Sampled only, not 100% tested.
M59DR032EA, M59DR032EB
Parameter
85
100
120
Units
Min
Max
Min
Max
Min
Max
VDD Supply Voltage
1.8
2.2
1.65
2.2
1.65
2.2
V
VDDQ Supply Voltage
1.8
2.2
1.65
2.2
1.65
2.2
V
VPP Supply Voltage
11.4
12.6
11.4
12.6
11.4
12.6
V
Ambient Operating Temperature
– 40
85
– 40
85
– 40
85
°C
Load Capacitance (CL)
30
30
30
pF
Input Rise and Fall Times
4
4
4
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref. Voltages
VDDQ/2
VDDQ/2
VDDQ/2
V
AI06186
VDDQ
0V
VDDQ/2
AI06187
VDDQ / 2
OUT
CL
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com