Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWR992 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # TLWR992
Description  TELUX / Utilizing one of the world?셲 brightest (AS) AllnGaP technologies (OMA) / High luminous flux
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TLWR992 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  TLWR992 Datasheet HTML 1Page - Vaishali Semiconductor TLWR992 Datasheet HTML 2Page - Vaishali Semiconductor TLWR992 Datasheet HTML 3Page - Vaishali Semiconductor TLWR992 Datasheet HTML 4Page - Vaishali Semiconductor TLWR992 Datasheet HTML 5Page - Vaishali Semiconductor TLWR992 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83286
Rev. 1.2, 30-Nov-04
VISHAY
TLWR992.
Vishay Semiconductors
Figure 5. Percentage Total Luminous Flux vs. Total Included Angle
for 90 ° emission angle
Figure 6. Thermal Resistance Junction Ambient vs. Cathode
Padsize
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16201
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsizeinmm 2
16009
Padsize8mm 2
per Anode Pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com