Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5764ASU Datasheet(PDF) 3 Page - Analog Devices

Part # AD5764ASU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764ASU Datasheet(HTML) 3 Page - Analog Devices

  AD5764ASU Datasheet HTML 1Page - Analog Devices AD5764ASU Datasheet HTML 2Page - Analog Devices AD5764ASU Datasheet HTML 3Page - Analog Devices AD5764ASU Datasheet HTML 4Page - Analog Devices AD5764ASU Datasheet HTML 5Page - Analog Devices AD5764ASU Datasheet HTML 6Page - Analog Devices AD5764ASU Datasheet HTML 7Page - Analog Devices AD5764ASU Datasheet HTML 8Page - Analog Devices AD5764ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 3 of 27
FUNCTIONAL BLOCK DIAGRAM
INPUT
REG C
GAIN REG C
OFFSET REG C
DAC
REG C
14/16
DAC C
INPUT
REG D
GAIN REG D
REFERENCE
BUFFERS
OFFSET REG D
DAC
REG D
14/16
DAC D
G1
G2
INPUT
REG B
GAIN REG B
OFFSET REG B
DAC
REG B
14/16
DAC B
INPUT
REG A
GAIN REG A
OFFSET REG A
DAC
REG A
14/16
14/16
DAC A
LDAC
VREF CD
TEMP
RSTIN
RSTOUT
VREF AB
REFGND
AGNDD
VOUTD
AGNDC
VOUTC
AGNDB
VOUTB
AGNDA
VOUTA
ISCC
TEMP
SENSOR
REFERENCE
BUFFERS
AVSS
SDIN
SCLK
SYNC
SDO
D0
D1
BIN/2SCOMP
CLR
AVDD
AVSS
AVDD
PGND
DVCC
DGND
+5V
REFERENCE
VOLTAGE
MONITOR
AND
CONTROL
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
G1
G2
G1
G2
G1
G2
REFOUT
Figure 1. Functional Block Diagram
AD5744/AD5764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com