Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5744CSU Datasheet(PDF) 5 Page - Analog Devices

Part # AD5744CSU
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744CSU Datasheet(HTML) 5 Page - Analog Devices

  AD5744CSU Datasheet HTML 1Page - Analog Devices AD5744CSU Datasheet HTML 2Page - Analog Devices AD5744CSU Datasheet HTML 3Page - Analog Devices AD5744CSU Datasheet HTML 4Page - Analog Devices AD5744CSU Datasheet HTML 5Page - Analog Devices AD5744CSU Datasheet HTML 6Page - Analog Devices AD5744CSU Datasheet HTML 7Page - Analog Devices AD5744CSU Datasheet HTML 8Page - Analog Devices AD5744CSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 5 of 27
Parameter
A Grade1
B Grade1
C Grade1
Unit
Test Conditions/Comments
VIL, Input Low Voltage
0.8
0.8
0.8
V max
Input Current
±10
±10
±10
µA max
Total for All Pins. TA = TMIN to TMAX.
Pin Capacitance
10
10
10
pF max
DIGITAL OUTPUTS (D0,D1, SDO) 2
Output Low Voltage
0.4
0.4
0.4
V max
DVCC= 5 V ± 10%, sinking 200 µA
Output High Voltage
DVCC – 1
DVCC – 1
DVCC – 1
V min
DVCC = 5 V ± 10%, Sourcing 200
µA
Output Low Voltage
0.4
0.4
0.4
V max
DVCC = 2.7 V to 3.6 V, Sinking 200
µA
Output High Voltage
DVCC – 0.5
DVCC – 0.5
DVCC – 0.5
V min
DVCC = 2.7 V to 3.6 V, Sourcing
200 µA
High Impedance Leakage
Current
±1
±1
±1
µA max
SDO only
High Impedance Output
Capacitance
5
5
5
pF typ
SDO only
TEMP SENSOR
Accuracy
±1
±1
±1
°C typ
At 25°C
±5
±5
±5
°C max
−40°C < T <+85°C
Output Voltage @ 25°C
1.5
1.5
1.5
V typ
Output Voltage Scale Factor
5
5
5
mV/°C typ
Output Voltage Range
0/3.0
0/3.0
0/3.0
V min/max
Output Load Current
200
200
200
µA max
Current source only.
Power On Time
10
10
10
ms typ
To within ±5°C
POWER REQUIREMENTS
AVDD/AVSS
11.4/16.5
11.4/16.5
11.4/16.5
V min/max
DVCC
2.7/5.5
2.7/5.5
2.7/5.5
V min/max
Power Supply Sensitivity4
∆VOUT/∆ΑVDD
−85
−85
−85
dB typ
AIDD
3.75
3.75
3.75
mA/Channel max
Outputs unloaded
AISS
2.75
2.75
2.75
mA/Channel max
Outputs unloaded
DICC
1
1
1
mA max
VIH = DVCC, VIL = DGND. TBD mA
typ
Power Dissipation
244
244
244
mW typ
±12 V operation output
unloaded
4 Guaranteed by characterization. Not production tested.
AD5744/AD5764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com