Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP52T_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCP52T_SER
Description  60 V, 1 A PNP medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP52T_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCP52T_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP52T_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
BCP52T series
60 V, 1 A PNP medium power transistors
aaa-023488
VCE (V)
-10-1
-103
-1
-10
-102
-10
IC
(A)
-10-3
-10-2
-10-1
-1
DC; FR4 PCB, 4-layer copper;
collector mounting pad 1 cm2
DC
tp = 10 µs
100 µs
1 ms
1 s
10 ms
100 ms
FR4 PCB; single-sided copper; standard footprint
single pulse; Tamb = 25 °C
Fig. 2. Safe operating area; junction to ambient; continous and peak collector currents as a funtion of collecor-
emitter voltage
BCP52T_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 29 April 2019
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com