Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC55PA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC55PA
Description  60 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC55PA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC55PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC55PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP55_BCX55_BC55PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 24 October 2011
2 of 22
Nexperia
BCP55; BCX55; BC55PA
60 V, 1 A NPN medium power transistors
2.
Pinning information
3.
Ordering information
[1]
Valid for all available selection groups.
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT223
1base
2
collector
3emitter
4
collector
SOT89
1emitter
2
collector
3base
SOT1061
1base
2emitter
3
collector
13
2
4
sym016
2, 4
3
1
321
sym042
1
2
3
Transparent top view
12
3
sym021
3
2
1
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BCP55
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX55
SC-62
plastic surface-mounted package; exposed die pad for
good heat transfer; 3 leads
SOT89
BC55PA
HUSON3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 2
 2  0.65 mm
SOT1061



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com