Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS20 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BFS20
Description  NPN medium frequency transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BFS20 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BFS20 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BFS20 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Feb 05
3
NXP Semiconductors
Product data sheet
NPN medium frequency transistor
BFS20
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0; VCB = 20 V
−
−
100
nA
IE = 0; VCB = 20 V; Tj = 100 °C
−
−
10
µA
IEBO
emitter-base cut-off current
IC = 0; VEB = 4 V
−
−
100
nA
hFE
DC current gain
IC = 7 mA; VCE = 10 V
40
85
−
VBE
base-emitter voltage
IC = 7 mA; VCE = 10 V
−
740
900
mV
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
−
1
−
pF
Cre
feedback capacitance
IC = 0; VCB = 10 V; f = 1 MHz
−
350
−
fF
fT
transition frequency
IC = 5 mA; VCE = 10 V; f = 100 MHz
275
450
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com