Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP52 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BSP52
Description  NPN Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP52 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BSP52 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP52 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSP52
NPN Darlington transistor
23 February 2018
Product data sheet
1. General description
NPN Darlington transistor in an SOT223 plastic package.
PNP complement: BSP62
2. Features and benefits
• High current of 1 A
• Low voltage of 80 V
• Integrated diode and resistor
• AEC-Q101 qualified
3. Applications
• Industrial high gain amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCBO
collector-base voltage open emitter
-
-
90
V
VCES
collector-emitter
voltage
base short-circuited to emitter
-
-
80
V
IC
collector current
-
-
1
A
ICM
peak collector current
-
-
2
A
hFE
DC current gain
VCE = 10 V; IC = 150 mA
[1]
1000
-
-
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02.


Similar Part No. - BSP52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP52 PHILIPS-BSP52 Datasheet
47Kb / 8P
NPN Darlington transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BSP52 SIEMENS-BSP52 Datasheet
152Kb / 5P
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BSP52 FAIRCHILD-BSP52 Datasheet
37Kb / 3P
NPN Darlington Transistor
logo
Infineon Technologies A...
BSP52 INFINEON-BSP52 Datasheet
92Kb / 5P
NPN Silicon Darlington Transistors
Nov-30-2001
logo
NXP Semiconductors
BSP52 NXP-BSP52 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
More results

Similar Description - BSP52

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com