Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CSD04060
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD04060 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CSD04060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD04060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD04060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD04060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD04060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CSD04060
Page 5 • CSD04060, Rev C
Package Dimensions (Cont.)
Package TO-252-2
Part Number
Package
Marking
CSD04060A
TO-220-2
CSD04060
CSD04060B
TO-220-3
CSD04060
CSD04060E
TO-252-2
SD04060
This product has not been designed or tested for
use in, and is not intended for use in, applications
implanted into the human body nor in applications in
which failure of the product could lead to death,
personal injury or property damage, including but not
limited to equipment used in the operation of nuclear
facilities, life-support machines, cardiac defibrillators
or similar emergency medical equipment, aircraft
navigation or communication or control systems, air
traffic control systems, or weapons systems.
Copyright © 2001 Cree, Inc. All rights reserved.
Permission is given to reproduce this document
provided the entire document (including this
copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree, Inc.
Cree, Inc.
Power Products
4600 Silicon Drive
• Durham, NC 27703 • USA
Tel: 919-313-5300
• Fax: 919-313-5451
www.cree.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
Min
Max
Min
Max
A
.255
.265
6.477
6.731
B
.197
.205
5.004
5.207
C
.027
.033
.686
.838
D
.292
.322
7.417
8.179
E
.178
.182
4.521
4.623
F
.025
.035
.635
.889
G
44°
46°
44°
46°
H
.382
.397
9.703
10.084
J
K
L
.086
.094
2.184
2.388
M
.030
.034
.762
.864
N
.040
.044
1.016
1.118
P
.235
.245
5.969
6.223
Q
0.00
.004
0.00
.102
R
S
.017
.023
.428
.588
T
.040
.044
1.016
1.118
U
.021
.027
.534
.686
R0.01TYP
R0.31TYP
POS
Inches
Millimeters
.090TYP
2.286TYP
¡
¡
¡
PIN 1
PIN 2
CASE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com