Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSD04060B
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD04060B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSD04060B Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD04060B Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD04060B Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD04060B Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD04060B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CSD04060
Page 4 • CSD04060, Rev C
Package Dimensions
Package TO-220-2
Package TO-220-3
W
V
U
T
S
R
Q
P
Y
X (2X)
Min
Max
Min
Max
A
.402
.408
10.211 10.364
B
.120
.124
3.048
3.150
C
.106
.110
2.692
2.794
D
.245
.251
6.223
6.375
E
.335
.345
8.509
8.763
F
.149
.153
3.784
3.886
G
.220
.240
5.588
6.096
H
.540
.550
13.716 13.970
J
K
.080
2.032
L
.050
.056
1.270
1.422
M
.032
.038
.813
.956
N
.197
.203
5.004
5.156
P
.170
.180
4.318
4.572
Q
.048
.052
1.219
1.321
R
.583
.593
14.808 15.062
S
6.5
°
8.5
°
6.5
°
8.5
°
T
6.5
°
8.5
°
6.5
°
8.5
°
U
6.5
°
8.5
°
6.5
°
8.5
°
V
.103
.107
2.616
2.718
W
.015
.021
.381
.533
X
2.0
°
4.0
°
2.0
°
4.0
°
Y
.396
.406
10.058 10.312
Inches
Millimeters
POS
.100 REF
2.540 REF
--
--
A
B
C
D
E
F
G
H
L
J
M
K
N
¡
¡
¡
PIN 1
PIN 2
CASE
G
F
B
S
H
R
P
M
K
N
E
L
C
D
Q(5X)
A
J
NOTE:
1.
Dimension C apply for Solder Plate Finish.
Min
Max
Min
Max
A
.160
.190
4.06
4.83
B
.025
.040
0.63
1.02
C
.015
.022
0.38
0.56
D
.560
.590
14.22
14.99
E
.385
.415
9.78
10.54
F
.090
.110
2.29
2.79
G
.190
.210
4.83
5.33
H
.045
.055
1.14
1.40
J
.045
.055
1.14
1.40
K
.234
.258
5.94
6.55
L
.090
.115
2.29
2.92
M
.146
.156
3.71
3.96
N
.103
.113
2.62
2.87
P
.540
.560
13.72
14.22
Q
3°
7°
3°
7°
R
.045
.060
1.14
1.52
S
POS
Inches
Millimeters
.243 REF
6.17 REF
NOTE:
1.
Dimension L, M, W apply for Solder Dip Finish.
¡
¡
¡
PIN 2
PIN 3
CASE
PIN 1
NC
¡



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com