Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE10A Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MSMCGLCE10A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMCGLCE10A Datasheet(HTML) 6 Page - Microsemi Corporation

  MSMCGLCE10A Datasheet HTML 1Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 2Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 3Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 4Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 5Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 6Page - Microsemi Corporation MSMCGLCE10A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF01002, Rev. C (1/4/13)
©2013 Microsemi Corporation
Page 6 of 7
MSMCGLCE6.5A – MXLSMCGLCE170Ae3,
MSMCJLCE6.5A – MXLSMCJLCE170Ae3
PACKAGE DIMENSIONS
NOTES: Dimension “E” exceeds the JEDEC outline as shown.
Typical Standoff Height: 0.004” – 0.008” (0.1 mm – 0.2 mm).
NOTES: Dimension “E” exceeds the JEDEC outline in height as shown.
Typical Standoff Height: 0.004” – 0.008” (0.1 mm – 0.2 mm).
Dimensions
Ltr
Inch
Millimeters
Min
Max
Min
Max
A
.115
.121
2.92
3.07
B
.260
.280
6.60
7.11
C
.220
.245
5.59
6.22
E
.077
.110
1.95
2.80
F
.380
.400
9.65
10.16
K
.025
.040
0.635
1.016
Dimensions
Ltr
Inch
Millimeters
Min
Max
Min
Max
A
.115
.121
2.92
3.07
B
.260
.280
6.60
7.11
C
.220
.245
5.59
6.22
D
.305
.320
7.75
8.13
E
.077
.110
1.95
2.80
L
.030
.060
.760
1.52
SMCJ (DO-214AB)
SMCG (DO-215AB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com