Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 843021
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  843021 Datasheet HTML 1Page - Renesas Technology Corp 843021 Datasheet HTML 2Page - Renesas Technology Corp 843021 Datasheet HTML 3Page - Renesas Technology Corp 843021 Datasheet HTML 4Page - Renesas Technology Corp 843021 Datasheet HTML 5Page - Renesas Technology Corp 843021 Datasheet HTML 6Page - Renesas Technology Corp 843021 Datasheet HTML 7Page - Renesas Technology Corp 843021 Datasheet HTML 8Page - Renesas Technology Corp 843021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
2
Rev D 9/25/15
843021 DATA SHEET
Table 2. Pin Descriptions
Table 3. Pin Characteristics
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 10%, VEE = 0V, TA = 0°C to 70°C
Number
Name
Type
Description
1VCCA
Unused
Analog supply pin.
2VEE
Power
Negative supply pin.
3,
4
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
5
nc
Unused
No connect.
6, 7
nQ0, Q0
Output
Differential output pair. LVPECL interface levels.
8VCC
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
101.7
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
2.97
3.3
3.63
V
VCCA
Analog Supply Voltage
2.97
3.3
3.63
V
IEE
Power Supply Current
85
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com