Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCGLCE14A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MSMCGLCE14A
Description  1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMCGLCE14A Datasheet(HTML) 3 Page - Microsemi Corporation

  MSMCGLCE14A Datasheet HTML 1Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 2Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 3Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 4Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 5Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 6Page - Microsemi Corporation MSMCGLCE14A Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF01002, Rev. C (1/4/13)
©2013 Microsemi Corporation
Page 3 of 7
MSMCGLCE6.5A – MXLSMCGLCE170Ae3,
MSMCJLCE6.5A – MXLSMCJLCE170Ae3
SYMBOLS & DEFINITIONS
Symbol
Definition
I(BR)
Breakdown Current: The current used for measuring breakdown voltage V(BR).
ID
Standby Current: The current at the rated standoff voltage VWM.
IF
Forward Current: The forward current dc value, no alternating component.
IO
Average Rectified Output Current: The output current averaged over a full cycle with a 50 Hz or 60 Hz sine-wave input
and a 180 degree conduction angle.
IPP
Peak Impulse Current: The peak current during the impulse.
P PP
Peak Pulse Power: The peak power dissipation resulting from the peak impulse current IPP.
V C
Clamping Voltage: The maximum clamping voltage at specified IPP (peak pulse current) at the specified pulse
conditions.
V (BR)
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VWM
Working Peak Voltage: The maximum peak voltage that can be applied over the operating temperature range. This is
also referred to as the standoff voltage.
ELECTRICAL CHARACTERISTICS @ 25 ºC unless otherwise stated
Part Number
Reverse
Stand-Off
Voltage
VWM
Volts
Breakdown Voltage
V (BR) @ I(BR)
Volts
Maximum
Reverse
Leakage
@VWM
ID
µA
Maximum
Clamping
Voltage
@IPP
V C
Volts
Maximum
Peak Pulse
Current IPP
@10/1000
Amps
Maximum
Capacitance
@ 0 Volts,
f = 1 MHz
pF
Working
Inverse
Blocking
Voltage
VWIB
Volts
Inverse
Blocking
Leakage
Current
IIB
µA
Peak
Inverse
Blocking
Voltage
V PIB
Volts
Gull-Wing
J-Bend
MIN
MAX
mA
MSMCGLCE6.5A
MSMCGLCE7.0A
MSMCJLCE6.5A
MSMCJLCE7.0A
6.5
7.0
7.22
7.78
7.98
8.60
10
10
1000
500
11.2
12.0
100
100
100
100
75
75
10
10
100
100
MSMCGLCE7.5A
MSMCGLCE8.0A
MSMCJLCE7.5A
MSMCJLCE8.0A
7.5
8.0
8.33
8.89
10.2
9.83
10
1
250
100
12.9
13.6
100
100
100
100
75
75
10
10
100
100
MSMCGLCE8.5A
MSMCGLCE9.0A
MSMCJLCE8.5A
MSMCJLCE9.0A
8.5
9.0
9.44
10.0
10.4
11.1
1
1
50
10
14.4
15.4
100
97
100
100
75
75
10
10
100
100
MSMCGLCE10A
MSMCGLCE11A
MSMCJLCE10A
MSMCJLCE11A
10
11
11.1
12.2
12.3
13.5
1
1
5
5
17.0
18.2
88
82
100
100
75
75
10
10
100
100
MSMCGLCE12A
MSMCGLCE13A
MSMCJLCE12A
MSMCJLCE13A
12
13
13.3
14.4
14.7
15.9
1
1
5
5
19.9
21.5
75
70
100
100
75
75
10
10
100
100
MSMCGLCE14A
MSMCGLCE15A
MSMCJLCE14A
MSMCJLCE15A
14
15
15.6
16.7
17.2
18.5
1
1
5
5
23.2
24.4
65
61
100
100
75
75
10
10
100
100
MSMCGLCE16A
MSMCGLCE17A
MSMCJLCE16A
MSMCJLCE17A
16
17
17.8
18.9
19.7
20.9
1
1
5
5
26.0
27.6
57
54
100
100
75
75
10
10
100
100
MSMCGLCE18A
MSMCGLCE20A
MSMCJLCE18A
MSMCJLCE20A
18
20
20.0
22.2
22.1
24.5
1
1
5
5
29.2
32.4
51
46
100
100
75
75
10
10
100
100
MSMCGLCE22A
MSMCGLCE24A
MSMCJLCE22A
MSMCJLCE24A
22
24
24.4
26.7
26.9
29.5
1
1
5
5
35.5
38.9
42
39
100
100
75
75
10
10
100
100
MSMCGLCE26A
MSMCGLCE28A
MSMCJLCE26A
MSMCJLCE28A
26
28
28.9
31.1
31.9
34.4
1
1
5
5
42.1
45.5
36
33
100
100
75
75
10
10
100
100
MSMCGLCE30A
MSMCGLCE33A
MSMCJLCE30A
MSMCJLCE33A
30
33
33.3
36.7
36.8
40.6
1
1
5
5
48.4
53.3
31
28.1
100
100
75
75
10
10
100
100
MSMCGLCE36A
MSMCGLCE40A
MSMCJLCE36A
MSMCJLCE40A
36
40
40.0
44.4
44.2
49.1
1
1
5
5
58.1
64.5
25.8
23.3
100
100
75
75
10
10
100
100
MSMCGLCE43A
MSMCGLCE45A
MSMCJLCE43A
MSMCJLCE45A
43
45
47.8
50.0
52.8
55.3
1
1
5
5
69.4
72.7
21.6
20.6
100
100
150
150
10
10
200
200
MSMCGLCE48A
MSMCGLCE51A
MSMCJLCE48A
MSMCJLCE51A
48
51
53.3
56.7
58.9
62.7
1
1
5
5
77.4
82.4
19.4
18.2
100
100
150
150
10
10
200
200
MSMCGLCE54A
MSMCGLCE58A
MSMCJLCE54A
MSMCJLCE58A
54
58
60.0
64.4
66.3
71.2
1
1
5
5
87.1
93.6
17.2
16.0
100
100
150
150
10
10
200
200
MSMCGLCE60A
MSMCGLCE64A
MSMCJLCE60A
MSMCJLCE64A
60
64
66.7
71.1
73.7
78.6
1
1
5
5
96.8
103
15.5
14.6
90
90
150
150
10
10
200
200
MSMCGLCE70A
MSMCGLCE75A
MSMCJLCE70A
MSMCJLCE75A
70
75
77.8
83.3
85.0
92.1
1
1
5
5
113
121
13.3
12.4
90
90
150
150
10
10
200
200
MSMCGLCE80A
MSMCGLCE90A
MSMCJLCE80A
MSMCJLCE90A
80
90
88.7
100
98.0
111
1
1
5
5
129
146
11.6
10.3
90
90
150
300
10
10
200
200
MSMCGLCE100A
MSMCGLCE110A
MSMCJLCE100A
MSMCJLCE110A
100
110
111
122
123
135
1
1
5
5
162
178
9.3
8.4
90
90
300
300
10
10
200
400
MSMCGLCE120A
MSMCGLCE130A
MSMCJLCE120A
MSMCJLCE130A
120
130
133
144
147
159
1
1
5
5
193
209
7.8
7.2
90
90
300
300
10
10
400
400
MSMCGLCE150A
MSMCGLCE160A
MSMCJLCE150A
MSMCJLCE160A
150
160
167
178
185
197
1
1
5
5
243
259
6.2
5.8
90
90
300
300
10
10
400
400
MSMCGLCE170A
MSMCJLCE170A
170
189
209
1
5
275
5.4
90
300
10
400
NOTE 1: TVS are normally selected according to the reverse standoff voltage” (V WM) which should be equal to or greater than the dc or peak operating
voltage level.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com